Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 128 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 128 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 124Page - Altera Corporation EP4CE40 Datasheet HTML 125Page - Altera Corporation EP4CE40 Datasheet HTML 126Page - Altera Corporation EP4CE40 Datasheet HTML 127Page - Altera Corporation EP4CE40 Datasheet HTML 128Page - Altera Corporation EP4CE40 Datasheet HTML 129Page - Altera Corporation EP4CE40 Datasheet HTML 130Page - Altera Corporation EP4CE40 Datasheet HTML 131Page - Altera Corporation EP4CE40 Datasheet HTML 132Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 488 page
background image
6–22
Chapter 6: I/O Features in Cyclone IV Devices
I/O Banks
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
When designing LVTTL/LVCMOS inputs with Cyclone IV devices, refer to the
following guidelines:
■
All pins accept input voltage (VI) up to a maximum limit (3.6 V), as stated in the
recommended operating conditions provided in the Cyclone IV Device Datasheet
chapter.
■
Whenever the input level is higher than the bank VCCIO, expect higher leakage
current.
■
The LVTTL/LVCMOS I/O standard input pins can only meet the VIH and VIL
levels according to bank voltage level.
Voltage-referenced standards are supported in an I/O bank using any number of
single-ended or differential standards, as long as they use the same VREF and VCCIO
values. For example, if you choose to implement both SSTL-2 and SSTL-18 in your
Cyclone IV devices, I/O pins using these standards—because they require different
VREF values—must be in different banks from each other. However, the same I/O
bank can support SSTL-2 and 2.5-V LVCMOS with the VCCIO set to 2.5 V and the VREF
set to 1.25 V.
1 When using Cyclone IV devices as a receiver in 3.3-, 3.0-, or 2.5-V LVTTL/LVCMOS
systems, you are responsible for managing overshoot or undershoot to stay in the
absolute maximum ratings and the recommended operating conditions, provided in
the Cyclone IV Device Datasheet chapter.
1 The PCI clamping diode is enabled by default in the Quartus II software for input
signals with bank VCCIO at 2.5, 3.0, or 3.3 V.
High-Speed Differential Interfaces
Cyclone IV devices can send and receive data through LVDS signals. For the LVDS
transmitter and receiver, the input and output pins of Cyclone IV devices support
serialization and deserialization through internal logic.
The BLVDS extends the benefits of LVDS to multipoint applications such as
bidirectional backplanes. The loading effect and the need to terminate the bus at both
ends for multipoint applications require BLVDS to drive out a higher current than
LVDS to produce a comparable voltage swing. All the I/O banks of Cyclone IV
devices support BLVDS for user I/O pins.
The RSDS and mini-LVDS standards are derivatives of the LVDS standard. The RSDS
and mini-LVDS I/O standards are similar in electrical characteristics to LVDS, but
have a smaller voltage swing and therefore provide increased power benefits and
reduced electromagnetic interference (EMI).
The PPDS standard is the next generation of the RSDS standard introduced by
National Semiconductor Corporation. Cyclone IV devices meet the National
Semiconductor Corporation PPDS Interface Specification and support the PPDS
standard for outputs only. All the I/O banks of Cyclone IV devices support the PPDS
standard for output pins only.
The LVDS standard does not require an input reference voltage, but it does require a
100-
Ω termination resistor between the two signals at the input buffer. An external
resistor network is required on the transmitter side for the top and bottom I/O banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com