Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 148 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 148 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 144Page - Altera Corporation EP4CE40 Datasheet HTML 145Page - Altera Corporation EP4CE40 Datasheet HTML 146Page - Altera Corporation EP4CE40 Datasheet HTML 147Page - Altera Corporation EP4CE40 Datasheet HTML 148Page - Altera Corporation EP4CE40 Datasheet HTML 149Page - Altera Corporation EP4CE40 Datasheet HTML 150Page - Altera Corporation EP4CE40 Datasheet HTML 151Page - Altera Corporation EP4CE40 Datasheet HTML 152Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 488 page
background image
7–2
Chapter 7: External Memory Interfaces in Cyclone IV Devices
Cyclone IV Devices Memory Interfaces Pin Support
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Figure 7–1 shows the block diagram of a typical external memory interface data path
in Cyclone IV devices.
f For more information about implementing complete external memory interfaces, refer
to the External Memory Interface Handbook.
Cyclone IV Devices Memory Interfaces Pin Support
Cyclone IV devices use data (DQ), data strobe (DQS), clock, command, and address
pins to interface with external memory. Some memory interfaces use the data mask
(DM) or byte write select (BWS#) pins to enable data masking. This section describes
how Cyclone IV devices support all these different pins.
f For more information about pin utilization, refer to Volume 2: Device, Pin, and Board
Layout Guidelines of the External Memory Interface Handbook.
Data and Data Clock/Strobe Pins
Cyclone IV data pins for external memory interfaces are called D for write data, Q for
read data, or DQ for shared read and write data pins. The read-data strobes or read
clocks are called DQS pins. Cyclone IV devices support both bidirectional data strobes
and unidirectional read clocks. Depending on the external memory standard, the DQ
and DQS are bidirectional signals (in DDR2 and DDR SDRAM) or unidirectional
signals (in QDR II SRAM). Connect the bidirectional DQ data signals to the same
Cyclone IV devices DQ pins. For unidirectional D or Q signals, connect the read-data
signals to a group of DQ pins and the write-data signals to a different group of DQ pins.
1 In QDR II SRAM, the Q read-data group must be placed at a different V
REF bank
location from the D write-data group, command, or address pins.
Figure 7–1. Cyclone IV Devices External Memory Data Path
(1)
Note to Figure 7–1:
(1) All clocks shown here are global clocks.
DQS/CQ/CQn
OE
VCC
PLL
GND
System Clock
DQ
OE
DataA
DataB
-90° Shifted Clock
IOE
Register
IOE
Register
IOE
Register
IOE
Register
IOE
Register
IOE
Register
IOE
Register
LE
Register
LE
Register
LE
Register
IOE
Register
Capture Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com