Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 149 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 149 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 145Page - Altera Corporation EP4CE40 Datasheet HTML 146Page - Altera Corporation EP4CE40 Datasheet HTML 147Page - Altera Corporation EP4CE40 Datasheet HTML 148Page - Altera Corporation EP4CE40 Datasheet HTML 149Page - Altera Corporation EP4CE40 Datasheet HTML 150Page - Altera Corporation EP4CE40 Datasheet HTML 151Page - Altera Corporation EP4CE40 Datasheet HTML 152Page - Altera Corporation EP4CE40 Datasheet HTML 153Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 488 page
background image
Chapter 7: External Memory Interfaces in Cyclone IV Devices
7–3
Cyclone IV Devices Memory Interfaces Pin Support
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
In Cyclone IV devices, DQS is used only during write mode in DDR2 and
DDR SDRAM interfaces. Cyclone IV devices ignore DQS as the read-data strobe
because the PHY internally generates the read capture clock for read mode. However,
you must connect the DQS pin to the DQS signal in DDR2 and DDR SDRAM interfaces,
or to the CQ signal in QDR II SRAM interfaces.
1 Cyclone IV devices do not support differential strobe pins, which is an optional
feature in the DDR2 SDRAM device.
f When you use the Altera Memory Controller MegaCore® function, the PHY is
instantiated for you. For more information about the memory interface data path,
refer to the External Memory Interface Handbook.
1 ALTMEMPHY is a self-calibrating megafunction, enhanced to simplify the
implementation of the read-data path in different memory interfaces. The
auto-calibration feature of ALTMEMPHY provides ease-of-use by optimizing clock
phases and frequencies across process, voltage, and temperature (PVT) variations.
You can save on the global clock resources in Cyclone IV devices through the
ALTMEMPHY megafunction because you are not required to route the DQS signals on
the global clock buses (because DQS is ignored for read capture). Resynchronization
issues do not arise because no transfer occurs from the memory domain clock (DQS) to
the system domain for capturing data DQ.
All I/O banks in Cyclone IV devices can support DQ and DQS signals with DQ-bus
modes of ×8, ×9, ×16, ×18, ×32, and ×36 except Cyclone IV GX devices that do not
support left I/O bank interface. DDR2 and DDR SDRAM interfaces use ×8 mode DQS
group regardless of the interface width. For a wider interface, you can use multiple ×8
DQ
groups to achieve the desired width requirement.
In the ×9, ×18, and ×36 modes, a pair of complementary DQS pins (CQ and CQ#)
drives up to 9, 18, or 36 DQ pins, respectively, in the group, to support one, two, or four
parity bits and the corresponding data bits. The ×9, ×18, and ×36 modes support the
QDR II memory interface. CQ# is the inverted read-clock signal that is connected to
the complementary data strobe (DQS or CQ#) pin. You can use any unused DQ pins as
regular user I/O pins if they are not used as memory interface signals.
f For more information about unsupported DQS and DQ groups of the Cyclone IV
transceivers that run at
≥2.97 Gbps data rate, refer to the Cyclone IV Device Family Pin
Connection Guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com