Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 153 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 153 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 149Page - Altera Corporation EP4CE40 Datasheet HTML 150Page - Altera Corporation EP4CE40 Datasheet HTML 151Page - Altera Corporation EP4CE40 Datasheet HTML 152Page - Altera Corporation EP4CE40 Datasheet HTML 153Page - Altera Corporation EP4CE40 Datasheet HTML 154Page - Altera Corporation EP4CE40 Datasheet HTML 155Page - Altera Corporation EP4CE40 Datasheet HTML 156Page - Altera Corporation EP4CE40 Datasheet HTML 157Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 488 page
background image
Chapter 7: External Memory Interfaces in Cyclone IV Devices
7–7
Cyclone IV Devices Memory Interfaces Pin Support
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
f For more information about device package outline, refer to the Device Packaging
Specifications webpage.
DQS
pins are listed in the Cyclone IV pin tables as DQSXY, in which X indicates the DQS
grouping number and Y indicates whether the group is located on the top (T), bottom
(B), or right (R) side of the device. Similarly, the corresponding DQ pins are marked as
DQXY
, in which the X denotes the DQ grouping number and Y denotes whether the
group is located on the top (T), bottom (B), or right (R) side of the device. For example,
DQS2T
indicates a DQS pin belonging to group 2, located on the top side of the device.
Similarly, the DQ pins belonging to that group is shown as DQ2T.
1 Each DQ group is associated with its corresponding DQS pins, as defined in the Cyclone
IV pin tables. For example:
■
For DDR2 or DDR SDRAM, ×8 DQ group DQ3B[7..0] pins are associated with
the DQS3B pin (same 3B group index)
■
For QDR II SRAM, ×9 Q read-data group DQ3T[8..0] pins are associated with
DQS0T/CQ0T
and DQS1T/CQ0T# pins (same 0T group index)
The Quartus® II software issues an error message if a DQ group is not placed properly
with its associated DQS.
EP4CE40
EP4CE55
EP4CE75
484-pin UBGA
Left
4
4
2
2
1
1
Right
4
4
2
2
1
1
Bottom
4
4
2
2
1
1
Top
4
4
2
2
1
1
484-pin FBGA
Left
4
4
2
2
1
1
Right
4
4
2
2
1
1
Bottom
4
4
2
2
1
1
Top
4
4
2
2
1
1
780-pin FBGA
Left
4
4
2
2
1
1
Right
4
4
2
2
1
1
Bottom
6
6
2
2
1
1
Top
6
6
2
2
1
1
Notes to Table 7–2:
(1) Some of the DQ pins can be used as RUP and RDN pins. You cannot use these groups if you are using these pins as RUP and RDN pins for
OCT calibration.
(2) Some of the DQ pins can be used as RUP pins while the DM pins can be used as RDN pins. You cannot use these groups if you are using the
RUP and RDN pins for OCT calibration.
(3) There is no DM pin support for these groups.
(4) PLLCLKOUT3n and PLLCLKOUT3p pins are shared with the DQ or DM pins to gain ×8 DQ group. You cannot use these groups if you are using
PLLCLKOUT3n
and PLLCLKOUT3p.
Table 7–2. Cyclone IV E Device DQS and DQ Bus Mode Support for Each Side of the Device (Part 3 of 3)
Device
Package
Side
Number
×8
Groups
Number
×9
Groups
Number
×16
Groups
Number
×18
Groups
Number
×32
Groups
Number
×36
Groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com