Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 154 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 154 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 150Page - Altera Corporation EP4CE40 Datasheet HTML 151Page - Altera Corporation EP4CE40 Datasheet HTML 152Page - Altera Corporation EP4CE40 Datasheet HTML 153Page - Altera Corporation EP4CE40 Datasheet HTML 154Page - Altera Corporation EP4CE40 Datasheet HTML 155Page - Altera Corporation EP4CE40 Datasheet HTML 156Page - Altera Corporation EP4CE40 Datasheet HTML 157Page - Altera Corporation EP4CE40 Datasheet HTML 158Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 488 page
background image
7–8
Chapter 7: External Memory Interfaces in Cyclone IV Devices
Cyclone IV Devices Memory Interfaces Pin Support
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Figure 7–2 shows the location and numbering of the DQS, DQ, or CQ# pins in the
Cyclone IV GX I/O banks.
Figure 7–2. DQS, CQ, or CQ# Pins in Cyclone IV GX I/O Banks
(1)
Note to Figure 7–2:
(1) The DQS, CQ, or CQ# pin locations in this diagram apply to all packages in Cyclone IV GX devices except devices in
148-pin QFP, 169-pin FBGA, and 324-pin FBGA.
I/O Bank 8B
I/O Bank 3B
I/O Bank 3
I/O Bank 3A
I/O Bank 4
I/O Bank 8
I/O Bank 8A
I/O Bank 7
I/O Bank 9
Cyclone IV GX Device
DQS4R/CQ5R
DQS2R/CQ3R
DQS0R/CQ1R
DQS1R/CQ1R#
DQS3R/CQ3R#
DQS5R/CQ5R#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com