Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 157 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 157 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 153Page - Altera Corporation EP4CE40 Datasheet HTML 154Page - Altera Corporation EP4CE40 Datasheet HTML 155Page - Altera Corporation EP4CE40 Datasheet HTML 156Page - Altera Corporation EP4CE40 Datasheet HTML 157Page - Altera Corporation EP4CE40 Datasheet HTML 158Page - Altera Corporation EP4CE40 Datasheet HTML 159Page - Altera Corporation EP4CE40 Datasheet HTML 160Page - Altera Corporation EP4CE40 Datasheet HTML 161Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 488 page
background image
Chapter 7: External Memory Interfaces in Cyclone IV Devices
7–11
Cyclone IV Devices Memory Interfaces Pin Support
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Figure 7–6 shows the location and numbering of the DQS, DQ, or CQ# pins in I/O
banks of the Cyclone IV E device in the 144-pin EQFP and 164-pin MBGA packages.
In Cyclone IV devices, the ×9 mode uses the same DQ and DQS pins as the ×8 mode, and
one additional DQ pin that serves as a regular I/O pin in the ×8 mode. The ×18 mode
uses the same DQ and DQS pins as ×16 mode, with two additional DQ pins that serve as
regular I/O pins in the ×16 mode. Similarly, the ×36 mode uses the same DQ and DQS
pins as the ×32 mode, with four additional DQ pins that serve as regular I/O pins in
the ×32 mode. When not used as DQ or DQS pins, the memory interface pins are
available as regular I/O pins.
Optional Parity, DM, and Error Correction Coding Pins
Cyclone IV devices support parity in ×9, ×18, and ×36 modes. One parity bit is
available per eight bits of data pins. You can use any of the DQ pins for parity in
Cyclone IV devices because the parity pins are treated and configured similarly to DQ
pins.
DM pins are only required when writing to DDR2 and DDR SDRAM devices.
QDR II SRAM devices use the BWS# signal to select the byte to be written into
memory. A low signal on the DM or BWS# pin indicates the write is valid. Driving the
DM or BWS# pin high causes the memory to mask the DQ signals. Each group of DQS
and DQ signals has one DM pin. Similar to the DQ output signals, the DM signals are
clocked by the -90° shifted clock.
Figure 7–6. DQS, CQ, or CQ# Pins for Cyclone IV E Devices in the 144-Pin EQFP and 164-pin
MBGA Packages
Cyclone IV E Devices
in 144-pin EQFP and
164-pin MBGA
I/O Bank 8
I/O Bank 7
I/O Bank 4
I/O Bank 3
DQS0L/CQ1L
DQS1L/CQ1L#
DQS1R/CQ1R#
DQS0R/CQ1R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com