Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 159 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 159 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 155Page - Altera Corporation EP4CE40 Datasheet HTML 156Page - Altera Corporation EP4CE40 Datasheet HTML 157Page - Altera Corporation EP4CE40 Datasheet HTML 158Page - Altera Corporation EP4CE40 Datasheet HTML 159Page - Altera Corporation EP4CE40 Datasheet HTML 160Page - Altera Corporation EP4CE40 Datasheet HTML 161Page - Altera Corporation EP4CE40 Datasheet HTML 162Page - Altera Corporation EP4CE40 Datasheet HTML 163Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 488 page
background image
Chapter 7: External Memory Interfaces in Cyclone IV Devices
7–13
Cyclone IV Devices Memory Interfaces Features
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Figure 7–7 illustrates Cyclone IV DDR input registers.
These DDR input registers are implemented in the core of devices. The DDR data is
first fed to two registers, input register AI and input register BI.
■
Input register AI captures the DDR data present during the rising edge of the clock
■
Input register BI captures the DDR data present during the falling edge of the clock
■
Register CI aligns the data before it is synchronized with the system clock
The data from the DDR input register is fed to two registers, sync_reg_h and
sync_reg_l
, then the data is typically transferred to a FIFO block to synchronize the
two data streams to the rising edge of the system clock. Because the read-capture
clock is generated by the PLL, the read-data strobe signal (DQS or CQ) is not used
during read operation in Cyclone IV devices; hence, postamble is not a concern in this
case.
Figure 7–7. Cyclone IV DDR Input Registers
dataout_h
LE
Register
LE
Register
LE
Register
DQ
dataout_l
Input Register B
I
Input Register A
I
neg_reg_out
Register C
I
DDR Input Registers in Cyclone IV Device
Capture Clock
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com