Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 161 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 161 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 157Page - Altera Corporation EP4CE40 Datasheet HTML 158Page - Altera Corporation EP4CE40 Datasheet HTML 159Page - Altera Corporation EP4CE40 Datasheet HTML 160Page - Altera Corporation EP4CE40 Datasheet HTML 161Page - Altera Corporation EP4CE40 Datasheet HTML 162Page - Altera Corporation EP4CE40 Datasheet HTML 163Page - Altera Corporation EP4CE40 Datasheet HTML 164Page - Altera Corporation EP4CE40 Datasheet HTML 165Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 488 page
background image
Chapter 7: External Memory Interfaces in Cyclone IV Devices
7–15
Cyclone IV Devices Memory Interfaces Features
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Figure 7–9 illustrates how the second output enable register extends the DQS
high-impedance state by half a clock cycle during a write operation.
OCT with Calibration
Cyclone IV devices support calibrated on-chip series termination (RS OCT) in both
vertical and horizontal I/O banks. To use the calibrated OCT, you must use the RUP
and RDN pins for each RS OCT control block (one for each side). You can use each
OCT calibration block to calibrate one type of termination with the same VCCIO for
that given side.
f For more information about the Cyclone IV devices OCT calibration block, refer to the
Cyclone IV Device I/O Features chapter.
PLL
When interfacing with external memory, the PLL is used to generate the memory
system clock, the write clock, the capture clock and the logic-core clock. The system
clock generates the DQS write signals, commands, and addresses. The write-clock is
shifted by -90° from the system clock and generates the DQ signals during writes. You
can use the PLL reconfiguration feature to calibrate the read-capture phase shift to
balance the setup and hold margins.
1 The PLL is instantiated in the ALTMEMPHY megafunction. All outputs of the PLL are
used when the ALTMEMPHY megafunction is instantiated to interface with external
memories. PLL reconfiguration is used in the ALTMEMPHY megafunction to
calibrate and track the read-capture phase to maintain the optimum margin.
f For more information about usage of PLL outputs by the ALTMEMPHY
megafunction, refer to the External Memory Interface Handbook.
Figure 7–9. Extending the OE Disable by Half a Clock Cycle for a Write Transaction
(1)
Note to Figure 7–9:
(1) The waveform reflects the software simulation result. The OE signal is an active low on the device. However, the
Quartus II software implements the signal as an active high and automatically adds an inverter before the AOE register
D input.
System clock
(outclock for DQS)
OE for DQS
(from logic array)
DQS
Write Clock
(outclock for DQ,
-90 phase shifted
from System Clock)
o
datain_h
(from logic array)
datain_I
(from logic array)
OE for DQ
(from logic array)
DQ
D0
D1
D2
D3
D0
D2
D1
D3
Preamble
Postamble
Delay
by Half
a Clock
Cycle
90o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com