| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 165 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 165 Page - Altera Corporation |
|
165 / 488 page ![]() CYIV-51008-1.7 © 2013 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying on any published information and before placing orders for products or services. Cyclone IV Device Handbook, Volume 1 May 2013 Feedback Subscribe ISO 9001:2008 Registered 8. Configuration and Remote System Upgrades in Cyclone IV Devices This chapter describes the configuration and remote system upgrades in Cyclone® IV devices. Cyclone IV (Cyclone IV GX and Cyclone IV E) devices use SRAM cells to store configuration data. You must download the configuration data to Cyclone IV devices each time the device powers up because SRAM memory is volatile. Cyclone IV devices are configured using one of the following configuration schemes: ■ Active serial (AS) ■ Active parallel (AP) (supported in Cyclone IV E devices only) ■ Passive serial (PS) ■ Fast passive parallel (FPP) (not supported in EP4CGX15, EP4CGX22, and EP4CGX30 [except for the F484 package] devices) ■ JTAG Cyclone IV devices offer the following configuration features: ■ Configuration data decompression (“Configuration Data Decompression” on page 8–2) ■ Remote system upgrade (“Remote System Upgrade” on page 8–69) System designers face difficult challenges, such as shortened design cycles, evolving standards, and system deployments in remote locations. Cyclone IV devices help overcome these challenges with inherent re-programmability and dedicated circuitry to perform remote system upgrades. Remote system upgrades help deliver feature enhancements and bug fixes without costly recalls, reduced time-to-market, and extended product life. Configuration This section describes Cyclone IV device configuration and includes the following topics: ■ “Configuration Features” on page 8–2 ■ “Configuration Requirement” on page 8–3 ■ “Configuration Process” on page 8–6 ■ “Configuration Scheme” on page 8–8 ■ “AS Configuration (Serial Configuration Devices)” on page 8–10 ■ “AP Configuration (Supported Flash Memories)” on page 8–21 ■ “PS Configuration” on page 8–32 May 2013 CYIV-51008-1.7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |