Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 169 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 169 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 165Page - Altera Corporation EP4CE40 Datasheet HTML 166Page - Altera Corporation EP4CE40 Datasheet HTML 167Page - Altera Corporation EP4CE40 Datasheet HTML 168Page - Altera Corporation EP4CE40 Datasheet HTML 169Page - Altera Corporation EP4CE40 Datasheet HTML 170Page - Altera Corporation EP4CE40 Datasheet HTML 171Page - Altera Corporation EP4CE40 Datasheet HTML 172Page - Altera Corporation EP4CE40 Datasheet HTML 173Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–5
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Use the data in Table 8–2 to estimate the file size before design compilation. Different
configuration file formats, such as Hexadecimal (.hex) or Tabular Text File (.ttf)
formats, have different file sizes. However, for any specific version of the Quartus II
software, any design targeted for the same device has the same uncompressed
configuration file size. If you use compression, the file size varies after each
compilation, because the compression ratio depends on the design.
f For more information about setting device configuration options or creating
configuration files, refer to the Software Settings section in volume 2 of the
Configuration Handbook.
Configuration and JTAG Pin I/O Requirements
Cyclone IV devices are manufactured using the TSMC 60-nm low-k dielectric process.
Although Cyclone IV devices use TSMC 2.5-V transistor technology in the I/O
buffers, the devices are compatible and able to interface with 2.5, 3.0, and 3.3-V
configuration voltage standards by following specific requirements.
All I/O inputs must maintain a maximum AC voltage of 4.1 V. When using a serial
configuration device in an AS configuration scheme, you must connect a 25-
Ω series
resistor for the DATA[0] pin. When cascading the Cyclone IV device family in a
multi-device configuration for AS, AP, FPP, and PS configuration schemes, you must
connect the repeater buffers between the master and slave devices for the DATA and
DCLK
pins. When using the JTAG configuration scheme in a multi-device
configuration, connect 25-
Ω resistors on both ends of the TDO-TDI path if the TDO
output driver is a non-Cyclone IV device.
The output resistance of the repeater buffers and the TDO path for all cases must fit the
maximum overshoot equation shown in Equation 8–1.
Cyclone IV GX
EP4CGX15
3,805,568
EP4CGX22
7,600,040
EP4CGX30
7,600,040
22,010,888 (1)
EP4CGX50
22,010,888
EP4CGX75
22,010,888
EP4CGX110
39,425,016
EP4CGX150
39,425,016
Note to Table 8–2:
(1) Only for the F484 package.
Table 8–2. Uncompressed Raw Binary File (.rbf) Sizes for Cyclone IV Devices (Part 2 of 2)
Device
Data Size (bits)
Equation 8–1. (1)
Note to Equation 8–1:
(1) ZO is the transmission line impedance and RE is the equivalent resistance of the output buffer.
0.8ZO RE 1.8ZO
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com