Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 172 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 172 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 168Page - Altera Corporation EP4CE40 Datasheet HTML 169Page - Altera Corporation EP4CE40 Datasheet HTML 170Page - Altera Corporation EP4CE40 Datasheet HTML 171Page - Altera Corporation EP4CE40 Datasheet HTML 172Page - Altera Corporation EP4CE40 Datasheet HTML 173Page - Altera Corporation EP4CE40 Datasheet HTML 174Page - Altera Corporation EP4CE40 Datasheet HTML 175Page - Altera Corporation EP4CE40 Datasheet HTML 176Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 488 page
background image
8–8
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Configuration Scheme
A configuration scheme with different configuration voltage standards is selected by
driving the MSEL pins either high or low, as shown in Table 8–3, Table 8–4, and
Table 8–5.
1 Hardwire the MSEL pins to VCCA or GND without pull-up or pull-down resistors to
avoid problems detecting an incorrect configuration scheme. Do not drive the MSEL
pins with a microprocessor or another device.
Table 8–3. Configuration Schemes for Cyclone IV GX Devices (EP4CGX15, EP4CGX22, and EP4CGX30 [except for F484
Package])
Configuration Scheme
MSEL2
MSEL1
MSEL0
POR Delay
Configuration Voltage Standard (V) (1)
AS
1
0
1
Fast
3.3
0
1
1
Fast
3.0, 2.5
0
0
1
Standard
3.3
0
1
0
Standard
3.0, 2.5
PS
1
0
0
Fast
3.3, 3.0, 2.5
1
1
0
Fast
1.8, 1.5
0
0
0
Standard
3.3, 3.0, 2.5
JTAG-based configuration (2)
(3)
(3)
(3)
—
—
Notes to Table 8–3:
(1) Configuration voltage standard applied to the VCCIO supply of the bank in which the configuration pins reside.
(2) JTAG-based configuration takes precedence over other configuration schemes, which means the MSEL pin settings are ignored.
(3) Do not leave the MSEL pins floating. Connect them to VCCA or GND. These pins support the non-JTAG configuration scheme used in production.
Altera recommends connecting the MSEL pins to GND if your device is only using JTAG configuration.
Table 8–4. Configuration Schemes for Cyclone IV GX Devices (EP4CGX30 [only for F484 package], EP4CGX50,
EP4CGX75, EP4CGX110, and EP4CGX150)
(Part 1 of 2)
Configuration Scheme
MSEL3
MSEL2
MSEL1
MSEL0
POR Delay
Configuration Voltage Standard (V) (1)
AS
1
1
0
1
Fast
3.3
1
0
1
1
Fast
3.0, 2.5
1
0
0
1
Standard
3.3
1
0
1
0
Standard
3.0, 2.5
PS
1
1
0
0
Fast
3.3, 3.0, 2.5
1
1
1
0
Fast
1.8, 1.5
1
0
0
0
Standard
3.3, 3.0, 2.5
0
0
0
0
Standard
1.8, 1.5
FPP
0
0
1
1
Fast
3.3, 3.0, 2.5
0
1
0
0
Fast
1.8, 1.5
0
0
0
1
Standard
3.3, 3.0, 2.5
0
0
1
0
Standard
1.8, 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com