Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 176 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 176 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 172Page - Altera Corporation EP4CE40 Datasheet HTML 173Page - Altera Corporation EP4CE40 Datasheet HTML 174Page - Altera Corporation EP4CE40 Datasheet HTML 175Page - Altera Corporation EP4CE40 Datasheet HTML 176Page - Altera Corporation EP4CE40 Datasheet HTML 177Page - Altera Corporation EP4CE40 Datasheet HTML 178Page - Altera Corporation EP4CE40 Datasheet HTML 179Page - Altera Corporation EP4CE40 Datasheet HTML 180Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 488 page
background image
8–12
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
devices. The internal oscillator is designed to ensure that its maximum frequency is
guaranteed to meet EPCS device specifications. Cyclone IV devices offer the option to
select CLKUSR as the external clock source for DCLK. You can change the clock source
option in the Quartus II software in the Configuration tab of the Device and Pin
Options
dialog box.
1 EPCS1 does not support Cyclone IV devices because of its insufficient memory
capacity.
In configuration mode, the Cyclone IV device enables the serial configuration device
by driving the nCSO output pin low, which connects to the nCS pin of the configuration
device. The Cyclone IV device uses the DCLK and DATA[1]pins to send operation
commands and read address signals to the serial configuration device. The
configuration device provides data on its DATA pin, which connects to the DATA[0]
input of the Cyclone IV device.
All AS configuration pins (DATA[0], DCLK, nCSO, and DATA[1]) have weak internal pull-
up resistors that are always active. After configuration, these pins are set as input tri-
stated and are driven high by the weak internal pull-up resistors.
The timing parameters for AS mode are not listed here because the tCF2CD, tCF2ST0, tCFG,
tSTATUS, tCF2ST1, and tCD2UM timing parameters are identical to the timing parameters
for PS mode shown in Table 8–12 on page 8–36.
Table 8–6. AS DCLK Output Frequency
Oscillator
Minimum
Typical
Maximum
Unit
40 MHz
20
30
40
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com