Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 174 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 174 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 170Page - Altera Corporation EP4CE40 Datasheet HTML 171Page - Altera Corporation EP4CE40 Datasheet HTML 172Page - Altera Corporation EP4CE40 Datasheet HTML 173Page - Altera Corporation EP4CE40 Datasheet HTML 174Page - Altera Corporation EP4CE40 Datasheet HTML 175Page - Altera Corporation EP4CE40 Datasheet HTML 176Page - Altera Corporation EP4CE40 Datasheet HTML 177Page - Altera Corporation EP4CE40 Datasheet HTML 178Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 488 page
background image
8–10
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
1 For Cyclone IV E devices, the Quartus II software prohibits you from using the LVDS
I/O standard in I/O Bank 1 when the configuration device I/O voltage is not 2.5 V. If
you need to assign LVDS I/O standard in I/O Bank 1, navigate to
Assignments
>Device>Settings>Device and Pin Option>Configuration to change
the Configuration Device I/O voltage to 2.5 V or Auto.
AS Configuration (Serial Configuration Devices)
In the AS configuration scheme, Cyclone IV devices are configured with a serial
configuration device. These configuration devices are low-cost devices with
non-volatile memories that feature a simple four-pin interface and a small form factor.
These features make serial configuration devices the ideal low-cost configuration
solution.
f For more information about serial configuration devices, refer to the Serial
Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Datasheet in
volume 2 of the Configuration Handbook.
Serial configuration devices provide a serial interface to access the configuration data.
During device configuration, Cyclone IV devices read the configuration data through
the serial interface, decompress the data if necessary, and configure their SRAM cells.
This scheme is referred to as the AS configuration scheme because the device controls
the configuration interface.
1 If you want to gain control of the EPCS pins, hold the nCONFIG pin low and pull the
nCE
pin high to cause the device to reset and tri-state the AS configuration pins.
Single-Device AS Configuration
The four-pin interface of serial configuration devices consists of the following pins:
■
Serial clock input (DCLK)
■
Serial data output (DATA)
■
Active-low chip select (nCS)
■
AS data input (ASDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com