Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 177 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 177 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 173Page - Altera Corporation EP4CE40 Datasheet HTML 174Page - Altera Corporation EP4CE40 Datasheet HTML 175Page - Altera Corporation EP4CE40 Datasheet HTML 176Page - Altera Corporation EP4CE40 Datasheet HTML 177Page - Altera Corporation EP4CE40 Datasheet HTML 178Page - Altera Corporation EP4CE40 Datasheet HTML 179Page - Altera Corporation EP4CE40 Datasheet HTML 180Page - Altera Corporation EP4CE40 Datasheet HTML 181Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–13
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Multi-Device AS Configuration
You can configure multiple Cyclone IV devices with a single serial configuration
device. When the first device captures all its configuration data from the bitstream, it
drives the nCEO pin low, enabling the next device in the chain. If the last device in the
chain is a Cyclone IV device, you can leave the nCEO pin of the last device
unconnected or use it as a user I/O pin after configuration. The nCONFIG, nSTATUS,
CONF_DONE
, DCLK, and DATA[0] pins of each device in the chain are connected together
(Figure 8–3).
Figure 8–3. Multi-Device AS Configuration
Notes to Figure 8–3:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the pull-up resistor to the VCCIO supply voltage of I/O bank in which the nCE pin resides.
(3) You can leave the nCEO pin unconnected or use it as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. You must set the master device of the Cyclone IV device
in AS mode and the slave devices in PS mode. To connect the MSEL pins for the master device in AS mode and slave devices in PS mode, refer to
Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect the MSEL pins directly to VCCA or GND.
(5) Connect the series resistor at the near end of the serial configuration device.
(6) Connect the repeater buffers between the master and slave devices of the Cyclone IV device for DATA[0] and DCLK. All I/O inputs must maintain
a maximum AC voltage of 4.1 V. The output resistance of the repeater buffers must fit the maximum overshoot equation outlined in “Configuration
and JTAG Pin I/O Requirements” on page 8–5.
(7) The 50-
Ω series resistors are optional if the 3.3-V configuration voltage standard is applied. For optimal signal integrity, connect these 50-Ω series
resistors if the 2.5- or 3.0-V configuration voltage standard is applied.
(8) These pins are dual-purpose I/O pins. The nCSO pin functions as FLASH_nCE pin in AP mode. The ASDO pin functions as DATA[1] pin in AP and
FPP modes.
(9) Only Cyclone IV GX devices have an option to select CLKUSR (40 MHz maximum) as the external clock source for DCLK.
(10) For multi-devices AS configuration using Cyclone IV E with 1,0 V core voltage, the maximum board trace-length from the serial configuration
device to the junction-split on both DCLK and Data0 line is 3.5 inches.
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
DATA
DCLK
nCS
ASDI
N.C. (3)
(4)
Serial Configuration
Device
Cyclone IV Slave Device
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCSO (8)
ASDO (8)
nCEO
MSEL[ ]
(4)
MSEL[ ]
VCCIO (1)
GND
VCCIO (1)
VCCIO (2)
(5)
VCCIO (1)
Buffers (6)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
25
Ω
50
Ω (5), (7)
50
Ω(7)
Cyclone IV Master Device
CLKUSR
(9)
(10)
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com