Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 178 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 178 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 174Page - Altera Corporation EP4CE40 Datasheet HTML 175Page - Altera Corporation EP4CE40 Datasheet HTML 176Page - Altera Corporation EP4CE40 Datasheet HTML 177Page - Altera Corporation EP4CE40 Datasheet HTML 178Page - Altera Corporation EP4CE40 Datasheet HTML 179Page - Altera Corporation EP4CE40 Datasheet HTML 180Page - Altera Corporation EP4CE40 Datasheet HTML 181Page - Altera Corporation EP4CE40 Datasheet HTML 182Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 488 page
background image
8–14
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
The first Cyclone IV device in the chain is the configuration master and it controls the
configuration of the entire chain. Other Altera devices that support PS configuration
can also be part of the chain as configuration slaves.
1 In the multi-device AS configuration, the board trace length between the serial
configuration device and the master device of the Cyclone IV device must follow the
recommendations in Table 8–7 on page 8–18.
The nSTATUS and CONF_DONE pins on all target devices are connected together with
external pull-up resistors, as shown in Figure 8–3 on page 8–13. These pins are
open-drain bidirectional pins on the devices. When the first device asserts nCEO (after
receiving all its configuration data), it releases its CONF_DONE pin. However, the
subsequent devices in the chain keep this shared CONF_DONE line low until they receive
their configuration data. When all target devices in the chain receive their
configuration data and release CONF_DONE, the pull-up resistor drives a high level on
CONF_DONE
line and all devices simultaneously enter initialization mode.
1 Although you can cascade Cyclone IV devices, serial configuration devices cannot be
cascaded or chained together.
If the configuration bitstream size exceeds the capacity of a serial configuration
device, you must select a larger configuration device, enable the compression feature,
or both. When configuring multiple devices, the size of the bitstream is the sum of the
individual device’s configuration bitstream.
Configuring Multiple Cyclone IV Devices with the Same Design
Certain designs require that you configure multiple Cyclone IV devices with the same
design through a configuration bitstream, or a .sof. You can do this through the
following methods:
■
Multiple .sof
■
Single .sof
1 For both methods, the serial configuration devices cannot be cascaded or chained
together.
Multiple SRAM Object Files
Two copies of the .sof are stored in the serial configuration device. Use the first copy
to configure the master device of the Cyclone IV device and the second copy to
configure all remaining slave devices concurrently. All slave devices must have the
same density and package. The setup is similar to Figure 8–3 on page 8–13.
To configure four identical Cyclone IV devices with the same .sof, you must set up the
chain similar to the example shown in Figure 8–4. The first device is the master device
and its MSEL pins must be set to select AS configuration. The other three slave devices
are set up for concurrent configuration and their MSEL pins must be set to select PS
configuration. The nCEO pin from the master device drives the nCE input pins on all
three slave devices, as well as the DATA and DCLK pins that connect in parallel to all



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com