Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 175 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 175 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 171Page - Altera Corporation EP4CE40 Datasheet HTML 172Page - Altera Corporation EP4CE40 Datasheet HTML 173Page - Altera Corporation EP4CE40 Datasheet HTML 174Page - Altera Corporation EP4CE40 Datasheet HTML 175Page - Altera Corporation EP4CE40 Datasheet HTML 176Page - Altera Corporation EP4CE40 Datasheet HTML 177Page - Altera Corporation EP4CE40 Datasheet HTML 178Page - Altera Corporation EP4CE40 Datasheet HTML 179Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–11
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
This four-pin interface connects to Cyclone IV device pins, as shown in Figure 8–2.
1 To tri-state the configuration bus for AS configuration schemes, you must tie nCE high
and nCONFIG low.
1 The 25-Ω resistor at the near end of the serial configuration device for DATA[0] works
to minimize the driver impedance mismatch with the board trace and reduce the
overshoot seen at the Cyclone IV device DATA[0] input pin.
In the single-device AS configuration, the maximum board loading and board trace
length between the supported serial configuration device and the Cyclone IV device
must follow the recommendations in Table 8–7 on page 8–18.
The DCLK generated by the Cyclone IV device controls the entire configuration cycle
and provides timing for the serial interface. Cyclone IV devices use an internal
oscillator or an external clock source to generate the DCLK. For Cyclone IV E devices,
you can use a 40-MHz internal oscillator to generate the DCLK and for Cyclone IV GX
devices you can use a slow clock (20 MHz maximum) or a fast clock
(40 MHz maximum) from the internal oscillator or an external clock from CLKUSR to
generate the DCLK. There are some variations in the internal oscillator frequency
because of the process, voltage, and temperature (PVT) conditions in Cyclone IV
Figure 8–2. Single-Device AS Configuration
Notes to Figure 8–2:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Cyclone IV devices use the ASDO-to-ASDI path to control the configuration device.
(3) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect the MSEL pins,
refer to Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect the MSEL pins directly
to VCCA or GND.
(5) Connect the series resistor at the near end of the serial configuration device.
(6) These pins are dual-purpose I/O pins. The nCSO pin functions as FLASH_nCE pin in AP mode. The ASDO pin functions
as the DATA[1] pin in AP and FPP modes.
(7) Only Cyclone IV GX devices have an option to select CLKUSR (40 MHz maximum) as the external clock source for
DCLK
.
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCSO (6)
ASDO (6)
nCEO
MSEL[ ]
DATA
DCLK
nCS
ASDI
VCCIO (1)
GND
10 k
Ω
VCCIO (1)
10 k
Ω
VCCIO (1)
10 k
Ω
N.C. (3)
(4)
CLKUSR
(7)
(2)
25
Ω (5)
Serial Configuration
Device
Cyclone IV Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com