Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 182 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 182 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 178Page - Altera Corporation EP4CE40 Datasheet HTML 179Page - Altera Corporation EP4CE40 Datasheet HTML 180Page - Altera Corporation EP4CE40 Datasheet HTML 181Page - Altera Corporation EP4CE40 Datasheet HTML 182Page - Altera Corporation EP4CE40 Datasheet HTML 183Page - Altera Corporation EP4CE40 Datasheet HTML 184Page - Altera Corporation EP4CE40 Datasheet HTML 185Page - Altera Corporation EP4CE40 Datasheet HTML 186Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 488 page
background image
8–18
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Altera recommends putting a buffer before the DATA and DCLK output from the master
device to avoid signal strength and signal integrity issues. The buffer must not
significantly change the DATA-to-DCLK relationships or delay them with respect to other
AS signals (ASDI and nCS). Also, the buffer must only drive the slave devices to ensure
that the timing between the master device and the serial configuration device is
unaffected.
This configuration method supports both compressed and uncompressed .sof.
Therefore, if the configuration bitstream size exceeds the capacity of a serial
configuration device, you can enable the compression feature in the .sof or you can
select a larger serial configuration device.
Guidelines for Connecting a Serial Configuration Device to Cyclone IV
Devices for an AS Interface
For single- and multi-device AS configurations, the board trace length and loading
between the supported serial configuration device and Cyclone IV device must follow
the recommendations listed in Table 8–7.
Estimating AS Configuration Time
AS configuration time is dominated by the time it takes to transfer data from the serial
configuration device to the Cyclone IV device. This serial interface is clocked by the
Cyclone IV device DCLK output (generated from a 40-MHz internal oscillator for
Cyclone IV E devices, a 20- or 40-MHz internal oscillator, or an external CLKUSR of up
to 40 MHz for Cyclone IV GX devices).
Equation 8–2 and Equation 8–3 show the configuration time calculations.
Table 8–7. Maximum Trace Length and Loading for AS Configuration
Cyclone IV
Device AS Pins
Maximum Board Trace Length from a
Cyclone IV Device to a Serial Configuration
Device (Inches)
Maximum Board Load (pF)
Cyclone IV E
Cyclone IV GX
DCLK
10
6
15
DATA[0]
10
6
30
nCSO
10
6
30
ASDO
10
6
30
Note to Table 8–7:
(1) For multi-devices AS configuration using Cyclone IV E with 1,0 V core voltage, the maximum board trace-length
from the serial configuration device to the junction-split on both DCLK and Data0 line is 3.5 inches.
Equation 8–2.
Equation 8–3.
Size
maximum DCLK period
1 bit
----------------------------------------------------------------


×
estimated maximum configuration ti
=
9,600,000 bits
50 ns
1 bit
-------------


×
480 ms
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com