Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 183 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 183 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 179Page - Altera Corporation EP4CE40 Datasheet HTML 180Page - Altera Corporation EP4CE40 Datasheet HTML 181Page - Altera Corporation EP4CE40 Datasheet HTML 182Page - Altera Corporation EP4CE40 Datasheet HTML 183Page - Altera Corporation EP4CE40 Datasheet HTML 184Page - Altera Corporation EP4CE40 Datasheet HTML 185Page - Altera Corporation EP4CE40 Datasheet HTML 186Page - Altera Corporation EP4CE40 Datasheet HTML 187Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–19
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Table 8–8 provides the configuration time for AS configuration.
Enabling compression reduces the amount of configuration data that is sent to the
Cyclone IV device, which also reduces configuration time. On average, compression
reduces configuration time by 50%.
Programming Serial Configuration Devices
Serial configuration devices are non-volatile, flash memory-based devices. You can
program these devices in-system with the USB-Blaster™ or ByteBlaster™ II download
cables. Alternatively, you can program them with the Altera Programming Unit
(APU), supported third-party programmers, or a microprocessor with the SRunner
software driver.
You can perform in-system programming of serial configuration devices through the
AS programming interface. During in-system programming, the download cable
disables device access to the AS interface by driving the nCE pin high. Cyclone IV
devices are also held in reset by a low level on nCONFIG. After programming is
complete, the download cable releases nCE and nCONFIG, allowing the pull-down and
pull-up resistors to drive VCC and GND, respectively.
To perform in-system programming of a serial configuration device through the AS
programming interface, you must place the diodes and capacitors as close as possible
to the Cyclone IV device. You must ensure that the diodes and capacitors maintain a
maximum AC voltage of 4.1 V (Figure 8–6).
1 If you want to use the setup shown in Figure 8–6 to perform in-system programming
of a serial configuration device and single- or multi-device AS configuration, you do
not require a series resistor on the DATA line at the near end of the serial configuration
device. The existing diodes and capacitors are sufficient.
Altera has developed the Serial FlashLoader (SFL), a JTAG-based in-system
programming solution for Altera serial configuration devices. The SFL is a bridge
design for the Cyclone IV device that uses its JTAG interface to access the EPCS JIC
(JTAG Indirect Configuration Device Programming) file and then uses the AS
interface to program the EPCS device. Both the JTAG interface and AS interface are
bridged together inside the SFL design.
f For more information about implementing the SFL with Cyclone IV devices, refer to
AN 370: Using the Serial FlashLoader with the Quartus II Software.
Table 8–8. AS Configuration Time for Cyclone IV Devices (1)
Symbol
Parameter
Cyclone IV E
Cyclone IV GX
Unit
tSU
Setup time
10
8
ns
tH
Hold time
0
0
ns
tCO
Clock-to-output time
4
4
ns
Note to Table 8–8:
(1) For the AS configuration timing diagram, refer to the Serial Configuration (EPCS) Devices Datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com