| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 187 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 187 Page - Altera Corporation |
|
187 / 488 page ![]() Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices 8–23 Configuration May 2013 Altera Corporation Cyclone IV Device Handbook, Volume 1 f For more information about the operation of the Micron P30 Parallel NOR and P33 Parallel NOR flash memories, search for the keyword “P30” or “P33” on the Micron website (www.micron.com) to obtain the P30 or P33 family datasheet. Single-Device AP Configuration The following groups of interface pins are supported in Micron P30 and P33 flash memories: ■ Control pins ■ Address pins ■ Data pins The following control signals are from the supported parallel flash memories: ■ CLK ■ active-low reset (RST#) ■ active-low chip enable (CE#) ■ active-low output enable (OE#) ■ active-low address valid (ADV#) ■ active-low write enable (WE#) The supported parallel flash memories output a control signal (WAIT) to Cyclone IV E devices to indicate when synchronous data is ready on the data bus. Cyclone IV E devices have a 24-bit address bus connecting to the address bus (A[24:1]) of the flash memory. A 16-bit bidirectional data bus (DATA[15..0]) provides data transfer between the Cyclone IV E device and the flash memory. The following control signals are from the Cyclone IV E device to flash memory: ■ DCLK ■ active-low hard rest (nRESET) ■ active-low chip enable (FLASH_nCE) ■ active-low output enable for the DATA[15..0] bus and WAIT pin (nOE) ■ active-low address valid signal and is used to write data into the flash (nAVD) ■ active-low write enable and is used to write data into the flash (nWE) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |