Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 186 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 186 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 182Page - Altera Corporation EP4CE40 Datasheet HTML 183Page - Altera Corporation EP4CE40 Datasheet HTML 184Page - Altera Corporation EP4CE40 Datasheet HTML 185Page - Altera Corporation EP4CE40 Datasheet HTML 186Page - Altera Corporation EP4CE40 Datasheet HTML 187Page - Altera Corporation EP4CE40 Datasheet HTML 188Page - Altera Corporation EP4CE40 Datasheet HTML 189Page - Altera Corporation EP4CE40 Datasheet HTML 190Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 488 page
background image
8–22
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
During device configuration, Cyclone IV E devices read configuration data using the
parallel interface and configure their SRAM cells. This scheme is referred to as the AP
configuration scheme because the device controls the configuration interface. This
scheme contrasts with the FPP configuration scheme, where an external host controls
the interface.
AP Configuration Supported Flash Memories
The AP configuration controller in Cyclone IV E devices is designed to interface with
two industry-standard flash families—the Micron P30 Parallel NOR flash family and
the Micron P33 Parallel NOR flash family. Unlike serial configuration devices, both of
the flash families supported in AP configuration scheme are designed to interface
with microprocessors. By configuring from an industry standard microprocessor flash
which allows access to the flash after entering user mode, the AP configuration
scheme allows you to combine configuration data and user data (microprocessor boot
code) on the same flash memory.
The Micron P30 flash family and the P33 flash family support a continuous
synchronous burst read mode at 40 MHz DCLK frequency for reading data from the
flash. Additionally, the Micron P30 and P33 flash families have identical pin-out and
adopt similar protocols for data access.
1 Cyclone IV E devices use a 40-MHz oscillator for the AP configuration scheme. The
oscillator is the same oscillator used in the Cyclone IV E AS configuration scheme.
Table 8–10 lists the supported families of the commodity parallel flash for the AP
configuration scheme.
Configuring Cyclone IV E devices from the Micron P30 and P33 family 512-Mbit flash
memory is possible, but you must properly drive the extra address and FLASH_nCE
pins as required by these flash memories.
f To check for supported speed grades and package options, refer to the respective flash
datasheets.
The AP configuration scheme in Cyclone IV E devices supports flash speed grades of
40 MHz and above. However, AP configuration for all these speed grades must be
capped at 40 MHz. The advantage of faster speed grades is realized when your design
in the Cyclone IV E devices accesses flash memory in user mode.
Table 8–10. Supported Commodity Flash for AP Configuration Scheme for Cyclone IV E
Devices
(1)
Flash Memory Density
Micron P30 Flash Family (2)
Micron P33 Flash Family (3)
64 Mbit
v
v
128 Mbit
v
v
256 Mbit
v
v
Notes to Table 8–10:
(1) The AP configuration scheme only supports flash memory speed grades of 40 MHz and above.
(2) 3.3- , 3.0-, 2.5-, and 1.8-V I/O options are supported for the Micron P30 flash family.
(3) 3.3-, 3.0- and 2.5-V I/O options are supported for the Micron P33 flash family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com