Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 190 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 190 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 186Page - Altera Corporation EP4CE40 Datasheet HTML 187Page - Altera Corporation EP4CE40 Datasheet HTML 188Page - Altera Corporation EP4CE40 Datasheet HTML 189Page - Altera Corporation EP4CE40 Datasheet HTML 190Page - Altera Corporation EP4CE40 Datasheet HTML 191Page - Altera Corporation EP4CE40 Datasheet HTML 192Page - Altera Corporation EP4CE40 Datasheet HTML 193Page - Altera Corporation EP4CE40 Datasheet HTML 194Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 488 page
background image
8–26
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Byte-Wide Multi-Device AP Configuration
The simpler method for multi-device AP configuration is the byte-wide multi-device
AP configuration. In the byte-wide multi-device AP configuration, the LSB of the
DATA[7..0]
pin from the flash and master device (set to the AP configuration scheme)
is connected to the slave devices set to the FPP configuration scheme, as shown in
Figure 8–8.
Word-Wide Multi-Device AP Configuration
The more efficient setup is one in which some of the slave devices are connected to the
LSB of the DATA[7..0]and the remaining slave devices are connected to the MSB of
the DATA[15..8]. In the word-wide multi-device AP configuration, the nCEO pin of the
master device enables two separate daisy chains of slave devices, allowing both
chains to be programmed concurrently, as shown in Figure 8–9.
Figure 8–8. Byte-Wide Multi-Device AP Configuration
Notes to Figure 8–8:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(3) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. You must set the master device in AP mode and the slave
devices in FPP mode. To connect MSEL[3..0] for the master device in AP mode and the slave devices in FPP mode, refer to Table 8–5 on
page 8–9. Connect the MSEL pins directly to VCCA or GND.
(5) The AP configuration ignores the WAIT signal during configuration mode. However, if you are accessing flash during user mode with user logic,
you can optionally use the normal I/O to monitor the WAIT signal from the Micron P30 or P33 flash.
(6) Connect the repeater buffers between the Cyclone IV E master device and slave devices for DATA[15..0] and DCLK. All I/O inputs must maintain
a maximum AC voltage of 4.1 V. The output resistance of the repeater buffers must fit the maximum overshoot equation outlined in “Configuration
and JTAG Pin I/O Requirements” on page 8–5.
CLK
RST#
CE#
OE#
ADV#
WE#
WAIT
DQ[15:0]
A[24:1]
DCLK
nRESET
FLASH_nCE
nOE
nAVD
nWE
I/O (5)
DATA[15..0]
PADD[23..0]
nCE
VCCIO (1)
VCCIO (1)
MSEL[3..0]
(4)
nCEO
N.C.
(3)
Cyclone IV E
Master Device
Micron P30/P33 Flash
GND
DATA[7..0]
DCLK
nCE
MSEL[3..0]
(4)
nCEO
Cyclone IV E Slave Device
DATA[7..0]
DCLK
nCE
MSEL[3..0]
(4)
nCEO
Cyclone IV E Slave Device
VCCIO (2)
VCCIO (2)
Buffers (6)
DQ[7..0]
DQ[7..0]
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
VCCIO (1)
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com