Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 192 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 192 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 188Page - Altera Corporation EP4CE40 Datasheet HTML 189Page - Altera Corporation EP4CE40 Datasheet HTML 190Page - Altera Corporation EP4CE40 Datasheet HTML 191Page - Altera Corporation EP4CE40 Datasheet HTML 192Page - Altera Corporation EP4CE40 Datasheet HTML 193Page - Altera Corporation EP4CE40 Datasheet HTML 194Page - Altera Corporation EP4CE40 Datasheet HTML 195Page - Altera Corporation EP4CE40 Datasheet HTML 196Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 488 page
background image
8–28
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
The nSTATUS and CONF_DONE pins on all target devices are connected together with
external pull-up resistors, as shown in Figure 8–8 on page 8–26 and Figure 8–9 on
page 8–27. These pins are open-drain bidirectional pins on the devices. When the first
device asserts nCEO (after receiving all its configuration data), it releases its CONF_DONE
pin. However, the subsequent devices in the chain keep this shared CONF_DONE line
low until they receive their configuration data. When all target devices in the chain
receive their configuration data and release CONF_DONE, the pull-up resistor drives a
high level on this line and all devices simultaneously enter initialization mode.
Guidelines for Connecting Parallel Flash to Cyclone IV E Devices for an AP
Interface
For single- and multi-device AP configuration, the board trace length and loading
between the supported parallel flash and Cyclone IV E devices must follow the
recommendations listed in Table 8–11. These recommendations also apply to an AP
configuration with multiple bus masters.
Configuring With Multiple Bus Masters
Similar to the AS configuration scheme, the AP configuration scheme supports
multiple bus masters for the parallel flash. For another master to take control of the
AP configuration bus, the master must assert nCONFIG low for at least 500 ns to reset
the master Cyclone IV E device and override the weak 10-k
Ω pull-down resistor on
the nCE pin. This resets the master Cyclone IV E device and causes it to tri-state its AP
configuration bus. The other master device then takes control of the AP configuration
bus. After the other master device is done, it releases the AP configuration bus, then
releases the nCE pin, and finally pulses nCONFIG low to restart the configuration.
In the AP configuration scheme, multiple masters share the parallel flash. Similar to
the AS configuration scheme, the bus control is negotiated by the nCE pin.
Table 8–11. Maximum Trace Length and Loading for AP Configuration
Cyclone IV E AP Pins
Maximum Board Trace Length from
Cyclone IV E Device to Flash Device
(inches)
Maximum Board Load (pF)
DCLK
6
15
DATA[15..0]
6
30
PADD[23..0]
6
30
nRESET
6
30
Flash_nCE
6
30
nOE
6
30
nAVD
6
30
nWE
6
30
I/O (1)
6
30
Note to Table 8–11:
(1) The AP configuration ignores the WAIT signal from the flash during configuration mode. However, if you are
accessing flash during user mode with user logic, you can optionally use the normal I/O to monitor the WAIT signal
from the Micron P30 or P33 flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com