Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 195 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 195 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 191Page - Altera Corporation EP4CE40 Datasheet HTML 192Page - Altera Corporation EP4CE40 Datasheet HTML 193Page - Altera Corporation EP4CE40 Datasheet HTML 194Page - Altera Corporation EP4CE40 Datasheet HTML 195Page - Altera Corporation EP4CE40 Datasheet HTML 196Page - Altera Corporation EP4CE40 Datasheet HTML 197Page - Altera Corporation EP4CE40 Datasheet HTML 198Page - Altera Corporation EP4CE40 Datasheet HTML 199Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–31
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Programming Parallel Flash Memories
Supported parallel flash memories are external non-volatile configuration devices.
They are industry standard microprocessor flash memories. For more information
about the supported families for the commodity parallel flash, refer to Table 8–10 on
page 8–22.
Cyclone IV E devices in a single- or multiple-device chain support in-system
programming of a parallel flash using the JTAG interface with the flash loader
megafunction. The board intelligent host or download cable uses the four JTAG pins
on Cyclone IV E devices to program the parallel flash in system, even if the host or
download cable cannot access the configuration pins of the parallel flash.
f For more information about using the JTAG pins on Cyclone IV E devices to program
the parallel flash in-system, refer to AN 478: Using FPGA-Based Parallel Flash Loader
(PFL) with the Quartus II Software.
In the AP configuration scheme, the default configuration boot address is 0×010000
when represented in 16-bit word addressing in the supported parallel flash memory
(Figure 8–12). In the Quartus II software, the default configuration boot address is
0×020000 because it is represented in 8-bit byte addressing. Cyclone IV E devices
configure from word address 0×010000, which is equivalent to byte address 0×020000.
1 The Quartus II software uses byte addressing for the default configuration boot
address. You must set the start address field to 0×020000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com