Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 197 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 197 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 193Page - Altera Corporation EP4CE40 Datasheet HTML 194Page - Altera Corporation EP4CE40 Datasheet HTML 195Page - Altera Corporation EP4CE40 Datasheet HTML 196Page - Altera Corporation EP4CE40 Datasheet HTML 197Page - Altera Corporation EP4CE40 Datasheet HTML 198Page - Altera Corporation EP4CE40 Datasheet HTML 199Page - Altera Corporation EP4CE40 Datasheet HTML 200Page - Altera Corporation EP4CE40 Datasheet HTML 201Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–33
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
PS Configuration Using an External Host
In the PS configuration scheme, you can use an intelligent host such as a MAX II
device or microprocessor that controls the transfer of configuration data from a
storage device, such as flash memory, to the target Cyclone IV device. You can store
the configuration data in .rbf, .hex, or .ttf format.
Figure 8–13 shows the configuration interface connections between a Cyclone IV
device and an external host device for single-device configuration.
To begin the configuration, the external host device must generate a low-to-high
transition on the nCONFIG pin. When nSTATUS is pulled high, the external host device
must place the configuration data one bit at a time on DATA[0]. If you use
configuration data in .rbf, .ttf, or .hex, you must first send the LSB of each data byte.
For example, if the .rbf contains the byte sequence 02 1B EE 01 FA, the serial bitstream
you must send to the device is:
0100-0000 1101-1000 0111-0111 1000-0000 0101-1111
Cyclone IV devices receive configuration data on DATA[0] and the clock is received on
DCLK
. Data is latched into the device on the rising edge of DCLK. Data is continuously
clocked into the target device until CONF_DONE goes high and the device enters
initialization state.
1 Two DCLK falling edges are required after CONF_DONE goes high to begin the
initialization of the device.
INIT_DONE
is released and pulled high when initialization is complete. The external
host device must be able to detect this low-to-high transition which signals the device
has entered user mode. When initialization is complete, the device enters user mode.
In user mode, the user I/O pins no longer have weak pull-up resistors and function as
assigned in your design.
Figure 8–13. Single-Device PS Configuration Using an External Host
Notes to Figure 8–13:
(1) Connect the pull-up resistor to a supply that provides an acceptable input signal for the device. VCC must be high
enough to meet the VIH specification of the I/O on the device and the external host.
(2) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect the MSEL pins,
refer to Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect the MSEL pins directly
to VCCA or GND.
(4) All I/O inputs must maintain a maximum AC voltage of 4.1 V. DATA[0] and DCLK must fit the maximum overshoot
outlined in Equation 8–1 on page 8–5.
External Host
(MAX II Device or
Microprocessor)
Memory
ADDR
nSTATUS
CONF_DONE
nCE
nCEO
DATA[0]
GND
VCCIO (1) VCCIO (1)
MSEL[ ]
N.C. (2)
DATA[0]
(4)
nCONFIG
DCLK
(4)
(3)
Cyclone IV
Device
10 k
Ω
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com