Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 200 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 200 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 196Page - Altera Corporation EP4CE40 Datasheet HTML 197Page - Altera Corporation EP4CE40 Datasheet HTML 198Page - Altera Corporation EP4CE40 Datasheet HTML 199Page - Altera Corporation EP4CE40 Datasheet HTML 200Page - Altera Corporation EP4CE40 Datasheet HTML 201Page - Altera Corporation EP4CE40 Datasheet HTML 202Page - Altera Corporation EP4CE40 Datasheet HTML 203Page - Altera Corporation EP4CE40 Datasheet HTML 204Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 488 page
background image
8–36
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
PS Configuration Timing
A PS configuration must meet the setup and hold timing parameters and the
maximum clock frequency. When using a microprocessor or another intelligent host
to control the PS interface, ensure that you meet these timing requirements.
Figure 8–16 shows the timing waveform for PS configuration when using an external
host device.
Table 8–12 lists the PS configuration timing parameters for Cyclone IV devices.
Figure 8–16. PS Configuration Timing Waveform (1)
Notes to Figure 8–16:
(1) The beginning of this waveform shows the device in user mode. In user mode, nCONFIG, nSTATUS, and CONF_DONE
are at logic-high levels. When nCONFIG is pulled low, a reconfiguration cycle begins.
(2) After power up, the Cyclone IV device holds nSTATUS low during POR delay.
(3) After power up, before and during configuration, CONF_DONE is low.
(4) In user mode, drive DCLK either high or low when using the PS configuration scheme, whichever is more convenient.
When using the AS configuration scheme, DCLK is a Cyclone IV device output pin and must not be driven externally.
(5) Do not leave the DATA[0]pin floating after configuration. Drive the DATA[0]pin high or low, whichever is more
convenient.
nCONFIG
nSTATUS (2)
CONF_DONE (3)
DCLK (4)
DATA[0]
User I/O
INIT_DONE
Bit 0
Bit 1
Bit 2
Bit 3
Bit n
tCD2UM
tCF2ST1
tCF2CD
tCFG
tCH tCL
tDH
tDSU
tCF2CK
tSTATUS
tCLK
tCF2ST0
tST2CK
User Mode
(5)
Tri-stated with internal pull-up resistor
User mode
Table 8–12. PS Configuration Timing Parameters For Cyclone IV Devices (Part 1 of 2)
Symbol
Parameter
Minimum
Maximum
Unit
Cyclone IV (1)
Cyclone IV E (2)
Cyclone IV (1)
Cyclone IV E (2)
tCF2CD
nCONFIG
low to
CONF_DONE
low
—
500
ns
tCF2ST0
nCONFIG
low to
nSTATUS
low
—500
ns
tCFG
nCONFIG
low pulse
width
500
—
ns
tSTATUS
nSTATUS
low pulse
width
45
230 (3)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com