Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 201 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 201 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 197Page - Altera Corporation EP4CE40 Datasheet HTML 198Page - Altera Corporation EP4CE40 Datasheet HTML 199Page - Altera Corporation EP4CE40 Datasheet HTML 200Page - Altera Corporation EP4CE40 Datasheet HTML 201Page - Altera Corporation EP4CE40 Datasheet HTML 202Page - Altera Corporation EP4CE40 Datasheet HTML 203Page - Altera Corporation EP4CE40 Datasheet HTML 204Page - Altera Corporation EP4CE40 Datasheet HTML 205Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–37
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
PS Configuration Using a Download Cable
In this section, the generic term “download cable” includes the Altera USB-Blaster
USB port download cable, MasterBlaster™ serial and USB communications cable,
ByteBlaster II parallel port download cable, the ByteBlasterMV™ parallel port
download cable, and the EthernetBlaster communications cable.
In the PS configuration with a download cable, an intelligent host (such as a PC)
transfers data from a storage device to the Cyclone IV device through the download
cable.
tCF2ST1
nCONFIG
high to
nSTATUS
high
—
230 (4)
µs
tCF2CK
nCONFIG
high to first
rising edge on DCLK
230 (3)
—µs
tST2CK
nSTATUS
high to first
rising edge of DCLK
2—
µs
tDH
Data hold time after
rising edge on DCLK
0—
ns
tCD2UM
CONF_DONE
high to
user mode (5)
300
650
µs
tCD2CU
CONF_DONE
high to
CLKUSR
enabled
4 × maximum DCLK period
—
—
tCD2UMC
CONF_DONE
high to
user mode with
CLKUSR option on
tCD2CU + (3,192 × CLKUSR period)
——
tDSU
Data setup time before
rising edge on DCLK
58
—
—
ns
tCH
DCLK
high time
3.2
6.4
—
—
ns
tCL
DCLK
low time
3.2
6.4
—
—
ns
tCLK
DCLK
period
7.5
15
—
—
ns
fMAX
DCLK
frequency (6)
—
—
133
66
MHz
Notes to Table 8–12:
(1) Applicable for Cyclone IV GX and Cyclone IV E devices with 1.2-V core voltage.
(2) Applicable for Cyclone IV E devices with 1.0-V core voltage.
(3) This value is applicable if you do not delay configuration by extending the nCONFIG or nSTATUS low pulse width.
(4) This value is applicable if you do not delay configuration by externally holding the nSTATUS low.
(5) The minimum and maximum numbers apply only if you choose the internal oscillator as the clock source for starting the device.
(6) Cyclone IV E devices with 1.0-V core voltage have slower FMAX when compared with Cyclone IV GX devices with 1.2-V core voltage.
Table 8–12. PS Configuration Timing Parameters For Cyclone IV Devices (Part 2 of 2)
Symbol
Parameter
Minimum
Maximum
Unit
Cyclone IV (1)
Cyclone IV E (2)
Cyclone IV (1)
Cyclone IV E (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com