Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 203 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 203 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 199Page - Altera Corporation EP4CE40 Datasheet HTML 200Page - Altera Corporation EP4CE40 Datasheet HTML 201Page - Altera Corporation EP4CE40 Datasheet HTML 202Page - Altera Corporation EP4CE40 Datasheet HTML 203Page - Altera Corporation EP4CE40 Datasheet HTML 204Page - Altera Corporation EP4CE40 Datasheet HTML 205Page - Altera Corporation EP4CE40 Datasheet HTML 206Page - Altera Corporation EP4CE40 Datasheet HTML 207Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–39
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
You can use a download cable to configure multiple Cyclone IV device configuration
pins. nCONFIG, nSTATUS, DCLK, DATA[0], and CONF_DONE are connected to every device in
the chain. All devices in the chain utilize and enter user mode at the same time
because all CONF_DONE pins are tied together.
In addition, the entire chain halts configuration if any device detects an error because
the nSTATUS pins are tied together. Figure 8–18 shows the PS configuration for
multiple Cyclone IV devices using a MasterBlaster, USB-Blaster, ByteBlaster II, or
ByteBlasterMV cable.
Figure 8–18. Multi-Device PS Configuration Using a Download Cable
Notes to Figure 8–18:
(1) You must connect the pull-up resistor to the same supply voltage as the VCCA supply.
(2) The pull-up resistors on DATA[0] and DCLK are only required if the download cable is the only configuration scheme
used on your board. This ensures that DATA[0] and DCLK are not left floating after configuration. For example, if you
also use a configuration device, the pull-up resistors on DATA[0] and DCLK are not required.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. VIO must match the VCCA of the
device. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide. When using the
ByteBlasterMV download cable, this pin is a no connect. When using USB-Blaster, ByteBlaster II, and EthernetBlaster
cables, this pin is connected to nCE when it is used for AS programming. Otherwise, it is a no connect.
(4) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(5) The nCEO pin of the last device in the chain is left unconnected or used as a user I/O pin.
(6) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL for PS
configuration schemes, refer to Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect
the MSEL pins directly to VCCA or GND.
(7) Power up the VCC of the ByteBlaster II, USB-Blaster, or ByteBlasterMV cable with a 2.5 V supply from VCCA. Third-party
programmers must switch to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster cable. The
MasterBlaster cable can receive power from either 5.0- or 3.3-V circuit boards, DC power supply, or 5.0 V from the
USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide.
Cyclone IV Device 1
Cyclone IV Device 2
MSEL[ ] (6)
nCE
nCONFIG
CONF_DONE
DCLK
nCE
nCEO
nCONFIG
CONF_DONE
DCLK
nCEO
GND
(Passive Serial Mode)
VCCA (7)
VCCA (1)
GND
VCCA (1)
VCCA (1)
nSTATUS
nSTATUS
DATA[0]
DATA[0]
MSEL[ ]
(6)
Pin 1
Download Cable
10-Pin Male Header
N.C. (5)
VIO (3)
GND
VCCA (1)
(2)
VCCA (1)
(2)
VCCIO (4)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com