Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 207 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 207 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 203Page - Altera Corporation EP4CE40 Datasheet HTML 204Page - Altera Corporation EP4CE40 Datasheet HTML 205Page - Altera Corporation EP4CE40 Datasheet HTML 206Page - Altera Corporation EP4CE40 Datasheet HTML 207Page - Altera Corporation EP4CE40 Datasheet HTML 208Page - Altera Corporation EP4CE40 Datasheet HTML 209Page - Altera Corporation EP4CE40 Datasheet HTML 210Page - Altera Corporation EP4CE40 Datasheet HTML 211Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–43
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
After the first device completes configuration in a multi-device configuration chain,
its nCEO pin drives low to activate the nCE pin of the second device, which prompts the
second device to begin configuration. The second device in the chain begins
configuration in one clock cycle; therefore, the transfer of data destinations is
transparent to the MAX II device. All other configuration pins (nCONFIG, nSTATUS,
DCLK
, DATA[7..0], and CONF_DONE) are connected to every device in the chain.
Configuration signals may require buffering to ensure signal integrity and prevent
clock skew problems. Ensure that the DCLK and DATA lines are buffered. All devices
initialize and enter user mode at the same time, because all device CONF_DONE pins are
tied together.
All nSTATUS and CONF_DONE pins are tied together and if any device detects an error,
configuration stops for the entire chain and the entire chain must be reconfigured. For
example, if the first device flags an error on nSTATUS, it resets the chain by pulling its
nSTATUS
pin low. This behavior is similar to a single device detecting an error.
Figure 8–21 shows multi-device FPP configuration when both Cyclone IV devices are
receiving the same configuration data. Configuration pins (nCONFIG, nSTATUS, DCLK,
DATA[7..0]
, and CONF_DONE) are connected to every device in the chain. Configuration
signals may require buffering to ensure signal integrity and prevent clock skew
problems. Ensure that the DCLK and DATA lines are buffered. Devices must be of the
same density and package. All devices start and complete configuration at the same
time.
You can use a single configuration chain to configure Cyclone IV devices with other
Altera devices that support FPP configuration. To ensure that all devices in the chain
complete configuration at the same time or that an error flagged by one device starts
reconfiguration in all devices, tie all the CONF_DONE and nSTATUS pins together.
Figure 8–21. Multi-Device FPP Configuration Using an External Host When Both Devices Receive
the Same Data
Notes to Figure 8–21:
(1) You must connect the pull-up resistor to a supply that provides an acceptable input signal for all devices in the chain.
VCC must be high enough to meet the VIH specification of the I/O on the device and the external host.
(2) The nCEO pins of both devices are left unconnected or used as user I/O pins when configuring the same configuration
data into multiple devices.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect the MSEL pins,
refer to Table 8–4 on page 8–8 and Table 8–5 on page 8–9. Connect the MSEL pins directly to VCCA or GND.
(4) All I/O inputs must maintain a maximum AC voltage of 4.1 V. DATA[7..0] and DCLK must fit the maximum overshoot
outlined in Equation 8–1 on page 8–5.
External Host
(MAX II Device or
Microprocessor)
Memory
ADDR
Cyclone IV Device 1
nSTATUS
CONF_DONE
nCE
nCEO
DATA[7..0]
GND
VCCIO (1) VCCIO (1)
MSEL[3..0]
MSEL[3..0]
DATA[7..0]
(4)
nCONFIG
DCLK
(4)
nSTATUS
CONF_DONE
nCE
nCEO
N.C. (2)
DATA[7..0]
(4)
nCONFIG
DCLK
(4)
Cyclone IV Device 2
(3)
(3)
GND
N.C. (2)
Buffers (4)
10 k
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com