Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 211 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 211 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 207Page - Altera Corporation EP4CE40 Datasheet HTML 208Page - Altera Corporation EP4CE40 Datasheet HTML 209Page - Altera Corporation EP4CE40 Datasheet HTML 210Page - Altera Corporation EP4CE40 Datasheet HTML 211Page - Altera Corporation EP4CE40 Datasheet HTML 212Page - Altera Corporation EP4CE40 Datasheet HTML 213Page - Altera Corporation EP4CE40 Datasheet HTML 214Page - Altera Corporation EP4CE40 Datasheet HTML 215Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–47
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
For device using VCCIO of 2.5, 3.0, and 3.3 V, refer to Figure 8–23. All I/O inputs must
maintain a maximum AC voltage of 4.1 V because JTAG pins do not have the internal
PCI clamping diodes to prevent voltage overshoot when using VCCIO of 2.5, 3.0, and
3.3 V. You must power up the VCC of the download cable with a 2.5-V supply from
VCCA. For device using VCCIO of 1.2, 1.5, and 1.8 V, refer to Figure 8–24. You can power
up the VCC of the download cable with the supply from VCCIO.
Figure 8–23. JTAG Configuration of a Single Device Using a Download Cable (2.5, 3.0, and 3.3-V
VCCIO Powering the JTAG Pins)
Notes to Figure 8–23:
(1) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the nCONFIG and MSEL pins to support a non-JTAG configuration scheme. If you only use JTAG
configuration, connect the nCONFIG pin to logic-high and the MSEL pins to GND. In addition, pull DCLK and DATA[0]
to either high or low, whichever is convenient on your board.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. VIO must match the device’s VCCA.
For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide. When using the USB-Blaster,
ByteBlaster II, ByteBlasterMV, and EthernetBlaster cables, this pin is a no connect.
(4) The nCE pin must be connected to GND or driven low for successful JTAG configuration.
(5) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(6) Power up the VCC of the EthernetBlaster, ByteBlaster II, USB-Blaster, or ByteBlasterMV cable with a 2.5-V supply from
VCCA. Third-party programmers must switch to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster
cable. The MasterBlaster cable can receive power from either 5.0- or 3.3-V circuit boards, DC power supply, or 5.0 V
from the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide.
(7) Resistor value can vary from 1 k
Ω to 10 kΩ..
nCE (4)
MSEL[ ]
nCONFIG
CONF_DONE
VCCA
VCCA (6)
GND
VCCIO (1)
GND
VCCIO (1)
(2)
VCCA
10 k
Ω
10 k
Ω
(7)
nSTATUS
Pin 1
Download Cable 10-Pin Male
Header (Top View)
GND
TCK
TDO
TMS
TDI
GND
VIO (3)
Cyclone IV Device
nCEO
N.C. (5)
DCLK
DATA[0]
(2)
(2)
(2)
(7)
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com