Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 215 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 215 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 211Page - Altera Corporation EP4CE40 Datasheet HTML 212Page - Altera Corporation EP4CE40 Datasheet HTML 213Page - Altera Corporation EP4CE40 Datasheet HTML 214Page - Altera Corporation EP4CE40 Datasheet HTML 215Page - Altera Corporation EP4CE40 Datasheet HTML 216Page - Altera Corporation EP4CE40 Datasheet HTML 217Page - Altera Corporation EP4CE40 Datasheet HTML 218Page - Altera Corporation EP4CE40 Datasheet HTML 219Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–51
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
1 If a non-Cyclone IV device is cascaded in the JTAG-chain, TDO of the non-Cyclone IV
device driving into TDI of the Cyclone IV device must fit the maximum overshoot
outlined in Equation 8–1 on page 8–5.
The CONF_DONE and nSTATUS signals are shared in multi-device AS, AP, PS, and FPP
configuration chains to ensure that the devices enter user mode at the same time after
configuration is complete. When the CONF_DONE and nSTATUS signals are shared among
all the devices, you must configure every device when JTAG configuration is
performed.
If you only use JTAG configuration, Altera recommends that you connect the circuitry
as shown in Figure 8–25 or Figure 8–26, in which each of the CONF_DONE and nSTATUS
signals are isolated so that each device can enter user mode individually.
After the first device completes configuration in a multi-device configuration chain,
its nCEO pin drives low to activate the nCE pin of the second device, which prompts the
second device to begin configuration. Therefore, if these devices are also in a JTAG
chain, ensure that the nCE pins are connected to GND during JTAG configuration or
that the devices are JTAG configured in the same order as the configuration chain. As
long as the devices are JTAG configured in the same order as the multi-device
configuration chain, the nCEO of the previous device drives the nCE pin of the next
device low when it has successfully been JTAG configured. You can place other Altera
devices that have JTAG support in the same JTAG chain for device programming and
configuration.
Figure 8–26. JTAG Configuration of Multiple Devices Using a Download Cable (1.2, 1.5, and 1.8-V VCCIO Powering the
JTAG Pins)
Notes to Figure 8–26:
(1) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the nCONFIG and MSEL pins to support a non-JTAG configuration scheme. If you only use a JTAG configuration, connect the nCONFIG
pin to logic-high and the MSEL pins to GND. In addition, pull DCLK and DATA[0] to either high or low, whichever is convenient on your board.
(3) In the USB-Blaster and ByteBlaster II cable, this pin is connected to nCE when it is used for AS programming, otherwise it is a no connect.
(4) You must connect the nCE pin to GND or driven low for successful JTAG configuration.
(5) Power up the VCC of the ByteBlaster II or USB-Blaster cable with supply from VCCIO. The ByteBlaster II and USB-Blaster cables do not support a
target supply voltage of 1.2 V. For the target supply voltage value, refer to the ByteBlaster II Download Cable User Guide and the USB-Blaster
Download Cable User Guide.
(6) Resistor value can vary from 1 k
Ω to 10 kΩ.
TMS
TCK
Download Cable
10-Pin Male Header
TDI
TDO
VCCIO (5)
Pin 1
nST
ATUS
nCONFIG
nCE (4)
CONF_DONE
(2)
(2)
VIO
(3)
(6)
(6)
(1)
(1)
(2)
DATA[0]
DCLK
(2)
MSEL[ ]
nCEO
(2)
TMS
TCK
TDI
TDO
nST
ATUS
nCONFIG
nCE (4)
CONF_DONE
(2)
(2)
(1)
(2)
DATA[0]
DCLK
(2)
nCEO
(2)
(1)
TMS
TCK
TDI
TDO
nST
ATUS
nCONFIG
nCE (4)
CONF_DONE
VCCIO
VCCIO
VCCIO
VCCIO
VCCIO
VCCIO
VCCIO
VCCIO
(2)
(2)
(2)
DATA[0]
DCLK
(2)
nCEO
(2)
(1)
(1)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
Cyclone IV Device
Cyclone IV Device
Cyclone IV Device
MSEL[ ]
MSEL[ ]
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com