Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 214 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 214 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 210Page - Altera Corporation EP4CE40 Datasheet HTML 211Page - Altera Corporation EP4CE40 Datasheet HTML 212Page - Altera Corporation EP4CE40 Datasheet HTML 213Page - Altera Corporation EP4CE40 Datasheet HTML 214Page - Altera Corporation EP4CE40 Datasheet HTML 215Page - Altera Corporation EP4CE40 Datasheet HTML 216Page - Altera Corporation EP4CE40 Datasheet HTML 217Page - Altera Corporation EP4CE40 Datasheet HTML 218Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 488 page
background image
8–50
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
When programming a JTAG device chain, one JTAG-compatible header is connected
to several devices. The number of devices in the JTAG chain is limited only by the
drive capability of the download cable. When four or more devices are connected in a
JTAG chain, Altera recommends buffering the TCK, TDI, and TMS pins with an on-board
buffer.
JTAG-chain device programming is ideal when the system contains multiple devices,
or when testing your system with JTAG BST circuitry. Figure 8–25 and Figure 8–26
show multi-device JTAG configuration.
For devices using 2.5-, 3.0-, and 3.3-V VCCIO supply, you must refer to Figure 8–25. All
I/O inputs must maintain a maximum AC voltage of 4.1 V because JTAG pins do not
have the internal PCI clamping diodes to prevent voltage overshoot when using 2.5-,
3.0-, and 3.3- V VCCIO supply. You must power up the VCC of the download cable with
a 2.5-V VCCA supply. For device using VCCIO of 1.2, 1.5 V, and 1.8 V, refer to
Figure 8–26. You can power up the VCC of the download cable with the supply from
VCCIO.
Figure 8–25. JTAG Configuration of Multiple Devices Using a Download Cable (2.5, 3.0, and 3.3-V VCCIO Powering the
JTAG Pins)
Notes to Figure 8–25:
(1) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the nCONFIG and MSEL pins to support a non-JTAG configuration scheme. If you only use a JTAG configuration, connect the nCONFIG
pin to logic-high and the MSEL pins to GND. In addition, pull DCLK and DATA[0] to either high or low, whichever is convenient on your board.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. VIO must match the VCCA of the device. For this value, refer to the
MasterBlaster Serial/USB Communications Cable User Guide. In the ByteBlasterMV cable, this pin is a no connect. In the USB-Blaster and
ByteBlaster II cables, this pin is connected to nCE when it is used for AS programming, otherwise it is a no connect.
(4) You must connect the nCE pin to GND or driven low for successful JTAG configuration.
(5) Power up the VCC of the ByteBlaster II, USB-Blaster, or ByteBlasterMV cable with a 2.5-V supply from VCCA. Third-party programmers must switch
to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster cable. The MasterBlaster cable can receive power from either 5.0- or 3.3-V
circuit boards, DC power supply, or 5.0 V from the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User
Guide.
(6) Resistor value can vary from 1 k
Ω to 10 kΩ.
TMS
TCK
Download Cable
10-Pin Male Header
TDI
TDO
Pin 1
nST
ATUS
nCONFIG
nCE (4)
CONF_DONE
VCCIO
(2)
(2)
VIO
(3)
(6)
(6)
(1)
(1)
(2)
DATA[0]
DCLK
(2)
MSEL[ ]
nCEO
(2)
TMS
TCK
TDI
TDO
nST
ATUS
nCONFIG
nCE (4)
CONF_DONE
(2)
(2)
(1)
(2)
DATA[0]
DCLK
(2)
nCEO
(2)
(1)
TMS
TCK
TDI
TDO
nST
ATUS
nCONFIG
nCE (4)
VCCIO
VCCIO
VCCIO
VCCIO
VCCA
VCCA
CONF_DONE
(2)
(2)
(2)
DATA[0]
DCLK
(2)
nCEO
(2)
(1)
(1)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
Cyclone IV Device
Cyclone IV Device
Cyclone IV Device
VCCIO
(5)
MSEL[ ]
MSEL[ ]
VCCA
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com