Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 213 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 213 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 209Page - Altera Corporation EP4CE40 Datasheet HTML 210Page - Altera Corporation EP4CE40 Datasheet HTML 211Page - Altera Corporation EP4CE40 Datasheet HTML 212Page - Altera Corporation EP4CE40 Datasheet HTML 213Page - Altera Corporation EP4CE40 Datasheet HTML 214Page - Altera Corporation EP4CE40 Datasheet HTML 215Page - Altera Corporation EP4CE40 Datasheet HTML 216Page - Altera Corporation EP4CE40 Datasheet HTML 217Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–49
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
You can perform JTAG testing on Cyclone IV devices before, during, and after
configuration. Cyclone IV devices support the BYPASS, IDCODE, and SAMPLE
instructions during configuration without interrupting configuration. All other JTAG
instructions can only be issued by first interrupting configuration and
reprogramming I/O pins with the ACTIVE_DISENGAGE and CONFIG_IO instructions.
The CONFIG_IO instruction allows you to configure the I/O buffers through the JTAG
port and interrupts configuration when issued after the ACTIVE_DISENGAGE
instruction. This instruction allows you to perform board-level testing prior to
configuring the Cyclone IV device or waiting for a configuration device to complete
configuration. Prior to issuing the CONFIG_IO instruction, you must issue the
ACTIVE_DISENGAGE
instruction. This is because in Cyclone IV devices, the CONFIG_IO
instruction does not hold nSTATUS low until reconfiguration, so you must disengage
the active configuration mode controller when active configuration is interrupted.
The ACTIVE_DISENGAGE instruction places the active configuration mode controllers in
an idle state prior to JTAG programming. Additionally, the ACTIVE_ENGAGE instruction
allows you to re-engage a disengaged active configuration mode controller.
1 You must follow a specific flow when executing the ACTIVE_DISENGAGE, CONFIG_IO,
and ACTIVE_ENGAGE JTAG instructions in Cyclone IV devices.
The chip-wide reset (DEV_CLRn) and chip-wide output enable (DEV_OE) pins in
Cyclone IV devices do not affect JTAG boundary-scan or programming operations.
Toggling these pins do not affect JTAG operations (other than the usual
boundary-scan operation).
When designing a board for JTAG configuration of Cyclone IV devices, consider the
dedicated configuration pins. Table 8–15 describes how you must connect these pins
during JTAG configuration.
Table 8–15. Dedicated Configuration Pin Connections During JTAG Configuration
Signal
Description
nCE
On all Cyclone IV devices in the chain, nCE must be driven low by connecting it to GND, pulling it low
through a resistor, or driving it by some control circuitry. For devices that are also in multi-device AS, AP,
PS, or FPP configuration chains, you must connect the nCE pins to GND during JTAG configuration or
JTAG configured in the same order as the configuration chain.
nCEO
On all Cyclone IV devices in the chain, nCEO is left floating or connected to the nCE of the next device.
MSEL
These pins must not be left floating. These pins support whichever non-JTAG configuration that you used
in production. If you only use JTAG configuration, tie these pins to GND.
nCONFIG
Driven high by connecting to the VCCIO supply of the bank in which the pin resides and pulling up through
a resistor or driven high by some control circuitry.
nSTATUS
Pull to the VCCIO supply of the bank in which the pin resides through a 10-k
Ω resistor. When configuring
multiple devices in the same JTAG chain, each nSTATUS pin must be pulled up to the VCCIO individually.
CONF_DONE
Pull to the VCCIO supply of the bank in which the pin resides through a 10-k
Ω resistor. When configuring
multiple devices in the same JTAG chain, each CONF_DONE pin must be pulled up to VCCIO supply of the
bank in which the pin resides individually. CONF_DONE going high at the end of JTAG configuration
indicates successful configuration.
DCLK
Must not be left floating. Drive low or high, whichever is more convenient on your board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com