Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 216 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 216 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 212Page - Altera Corporation EP4CE40 Datasheet HTML 213Page - Altera Corporation EP4CE40 Datasheet HTML 214Page - Altera Corporation EP4CE40 Datasheet HTML 215Page - Altera Corporation EP4CE40 Datasheet HTML 216Page - Altera Corporation EP4CE40 Datasheet HTML 217Page - Altera Corporation EP4CE40 Datasheet HTML 218Page - Altera Corporation EP4CE40 Datasheet HTML 219Page - Altera Corporation EP4CE40 Datasheet HTML 220Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 488 page
background image
8–52
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
1 JTAG configuration allows an unlimited number of Cyclone IV devices to be cascaded
in a JTAG chain.
f For more information about configuring multiple Altera devices in the same
configuration chain, refer to the Configuring Mixed Altera FPGA Chains chapter in
volume 2 of the Configuration Handbook.
Figure 8–27 shows JTAG configuration with a Cyclone IV device and a
microprocessor.
Configuring Cyclone IV Devices with Jam STAPL
Jam™ STAPL, JEDEC standard JESD-71, is a standard file format for in-system
programmability (ISP) purposes. Jam STAPL supports programming or configuration
of programmable devices and testing of electronic systems, using the IEEE 1149.1
JTAG interface. Jam STAPL is a freely licensed open standard. The Jam Player
provides an interface for manipulating the IEEE Std. 1149.1 JTAG TAP state machine.
f For more information about JTAG and Jam STAPL in embedded environments, refer
to AN 425: Using Command-Line Jam STAPL Solution for Device Programming. To
download the Jam Player, visit the Altera website (www.altera.com).
Configuring Cyclone IV Devices with the JRunner Software Driver
The JRunner software driver allows you to configure Cyclone IV devices through the
ByteBlaster II or ByteBlasterMV cables in JTAG mode. The supported programming
input file is in .rbf format. The JRunner software driver also requires a Chain
Description File (.cdf) generated by the Quartus II software. The JRunner software
driver is targeted for embedded JTAG configuration. The source code is developed for
the Windows NT operating system (OS). You can customize the code to make it run
on your embedded platform.
Figure 8–27. JTAG Configuration of a Single Device Using a Microprocessor
Notes to Figure 8–27:
(1) You must connect the pull-up resistor to a supply that provides an acceptable input signal for all devices in the chain.
(2) Connect the nCONFIG and MSEL pins to support a non-JTAG configuration scheme. If you only use a JTAG
configuration, connect the nCONFIG pin to logic-high and the MSEL pins to GND. In addition, pull DCLK and DATA[0]
to either high or low, whichever is convenient on your board.
(3) You must connect the nCE pin to GND or driven low for successful JTAG configuration.
(4) All I/O inputs must maintain a maximum AC voltage of 4.1 V. Signals driving into TDI, TMS, and TCK must fit the
maximum overshoot outlined in Equation 8–1 on page 8–5.
nCONFIG
DATA[0]
DCLK
TDI (4)
TCK (4)
TMS (4)
Microprocessor
Memory
ADDR
TDO
Cyclone IV Device
nSTATUS
CONF_DONE
VCCIO
VCCIO
10 k
Ω
10 k
Ω
(2)
(2)
N.C.
(2)
(2)
(1)
(1)
(3)
MSEL[ ]
nCE
nCEO
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com