Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 220 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 220 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 216Page - Altera Corporation EP4CE40 Datasheet HTML 217Page - Altera Corporation EP4CE40 Datasheet HTML 218Page - Altera Corporation EP4CE40 Datasheet HTML 219Page - Altera Corporation EP4CE40 Datasheet HTML 220Page - Altera Corporation EP4CE40 Datasheet HTML 221Page - Altera Corporation EP4CE40 Datasheet HTML 222Page - Altera Corporation EP4CE40 Datasheet HTML 223Page - Altera Corporation EP4CE40 Datasheet HTML 224Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 488 page
background image
8–56
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
If you configure a master device with an SFL design, the master device enters user
mode even though the slave devices in the multiple device chain are not being
configured. The master device enters user mode with a SFL design even though the
CONF_DONE
signal is externally held low by the other slave devices in chain.
Figure 8–29 shows the JTAG configuration of a single Cyclone IV device with a SFL
design.
ISP of the Configuration Device
In the second stage, the SFL design in the master device allows you to write the
configuration data for the device chain into the serial configuration device with the
Cyclone IV device JTAG interface. The JTAG interface sends the programming data
for the serial configuration device to the Cyclone IV device first. The Cyclone IV
device then uses the ASMI pins to send the data to the serial configuration device.
Figure 8–29. Programming Serial Configuration Devices In-System Using the JTAG Interface
Notes to Figure 8–29:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL for AS
configuration schemes, refer to Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect
the MSEL pins directly to VCCA or GND.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver. The VIO must match the VCCA of the
device. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide. When using the
ByteBlasterMV download cable, this pin is a no connect. When using USB-Blaster, ByteBlaster II, and EthernetBlaster
cables, this pin is connected to nCE when it is used for AS programming, otherwise it is a no connect.
(4) You must connect the nCE pin to GND or driven low for successful JTAG configuration.
(5) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(6) Power up the VCC of the EthernetBlaster, ByteBlaster II, USB-Blaster, or ByteBlasterMV cable with a 2.5- V VCCA supply.
Third-party programmers must switch to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster cable.
The MasterBlaster cable can receive power from either 5.0- or 3.3-V circuit boards, DC power supply, or 5.0 V from
the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide.
(7) Connect the series resistor at the near end of the serial configuration device.
(8) These pins are dual-purpose I/O pins. The nCSO pin functions as FLASH_nCE pin in AP mode. The ASDO pin functions
as DATA[1] pin in AP and FPP modes.
(9) Resistor value can vary from 1 k
Ω to 10 kΩ.
(10) Only Cyclone IV GX devices have an option to select CLKUSR (40 MHz maximum) as the external clock source for
DCLK
.
nCE (4)
MSEL[ ]
nCONFIG
CONF_DONE
VCCA
VCCA (6)
GND
VCCIO (1)
GND
VCCIO (1)
(2)
(10)
VCCA
(9)
(9)
1 k
Ω
10 k
Ω
10 k
Ω
nSTATUS
Pin 1
Download Cable 10-Pin Male
Header (Top View)
GND
TCK
TDO
TMS
TDI
CLKUSR
GND
VIO (3)
Cyclone IV Device
nCEO
N.C. (5)
DCLK
DATA[0]
nCSO (8)
ASDO (8)
DCLK
DATA
nCS
ASDI
Serial Configuration
Device
VCCIO (1)
10 k
Ω
Serial
Flash
Loader
25
Ω (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com