Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 218 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 218 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 214Page - Altera Corporation EP4CE40 Datasheet HTML 215Page - Altera Corporation EP4CE40 Datasheet HTML 216Page - Altera Corporation EP4CE40 Datasheet HTML 217Page - Altera Corporation EP4CE40 Datasheet HTML 218Page - Altera Corporation EP4CE40 Datasheet HTML 219Page - Altera Corporation EP4CE40 Datasheet HTML 220Page - Altera Corporation EP4CE40 Datasheet HTML 221Page - Altera Corporation EP4CE40 Datasheet HTML 222Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 488 page
background image
8–54
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Figure 8–28. Combining JTAG and AS Configuration Schemes
Notes to Figure 8–28:
(1) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Power up the VCC of the EthernetBlaster, ByteBlaster II, or USB-Blaster cable with the 3.3-V supply.
(3) Pin 6 of the header is a VIO reference voltage for the MasterBlaster output driver.The VIO must match the VCCA of the
device. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide. When using the
ByteBlasterMV download cable, this pin is a no connect. When using the USB-Blaster and ByteBlaster II cables, this
pin is connected to nCE when it is used for AS programming, otherwise it is a no connect.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL for AS
configuration schemes, refer to Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect
the MSEL pins directly to VCCA or GND.
(5) Power up the VCC of the EthernetBlaster, ByteBlaster II, USB-Blaster, or ByteBlasterMV cable with a 2.5-V VCCA supply.
Third-party programmers must switch to 2.5 V. Pin 4 of the header is a VCC power supply for the MasterBlaster cable.
The MasterBlaster cable can receive power from either 5.0- or 3.3-V circuit boards, DC power supply, or 5.0 V from
the USB cable. For this value, refer to the MasterBlaster Serial/USB Communications Cable User Guide.
(6) You must place the diodes and capacitors as close as possible to the Cyclone IV device. Altera recommends using
the Schottky diode, which has a relatively lower forward diode voltage (VF) than the switching and Zener diodes, for
effective voltage clamping.
(7) These pins are dual-purpose I/O pins. The nCSO pin functions as FLASH_nCE pin in AP mode. The ASDO pin functions
as DATA[1] pin in AP and FPP modes.
(8) Resistor value can vary from 1 k
Ω to 10 kΩ..
(9) Only Cyclone IV GX devices have an option to select CLKUSR (40 MHz maximum) as the external clock source for
DCLK
.
DATA
DCLK
nCS
ASDI
Serial
Configuration
Device
Cyclone IV Device
10 k
Ω
10 k
Ω
VCCIO
VCCIO
GND
nCEO
nCE
nSTATUS
CONF_DONE
10 k
Ω
VCCIO
nCONFIG
MSEL[ ]
(1)
(1)
(1)
(4)
10k
Ω
VCCA
N.C.
VCCA
TCK
TDO
TMS
TDI
CLKUSR
(9)
GND
VCCA (5)
VIO (3)
3.3 V (2)
Pin 1
Pin 1
Download Cable
(JTAG Mode)
10-Pin Male Header
(top view)
Download Cable
(AS Mode)
10-Pin Male Header
3.3 V
10 pf
GND
GND
10 pf
10 pf
GND
10 pf
GND
(6)
(6)
(8)
(8)
3.3 V
3.3 V
3.3 V
DATA[0]
DCLK
nCSO (7)
ASDO (7)
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com