Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 208 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 208 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 204Page - Altera Corporation EP4CE40 Datasheet HTML 205Page - Altera Corporation EP4CE40 Datasheet HTML 206Page - Altera Corporation EP4CE40 Datasheet HTML 207Page - Altera Corporation EP4CE40 Datasheet HTML 208Page - Altera Corporation EP4CE40 Datasheet HTML 209Page - Altera Corporation EP4CE40 Datasheet HTML 210Page - Altera Corporation EP4CE40 Datasheet HTML 211Page - Altera Corporation EP4CE40 Datasheet HTML 212Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 488 page
background image
8–44
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
f For more information about configuring multiple Altera devices in the same
configuration chain, refer to Configuring Mixed Altera FPGA Chains in volume 2 of the
Configuration Handbook.
FPP Configuration Timing
Figure 8–22 shows the timing waveform for the FPP configuration when using an
external host.
Table 8–13 lists the FPP configuration timing parameters for Cyclone IV devices.
Figure 8–22. FPP Configuration Timing Waveform (1)
Notes to Figure 8–22:
(1) The beginning of this waveform shows the device in user mode. In user mode, nCONFIG, nSTATUS, and CONF_DONE
are at logic-high levels. When nCONFIG is pulled low, a reconfiguration cycle begins.
(2) After power up, the Cyclone IV device holds nSTATUS low during POR delay.
(3) After power up, before and during configuration, CONF_DONE is low.
(4) Do not leave DCLK floating after configuration. It must be driven high or low, whichever is more convenient.
(5) DATA[7..0] is available as a user I/O pin after configuration; the state of the pin depends on the dual-purpose pin
settings.
nCONFIG
nSTATUS (2)
CONF_DONE (3)
DCLK
DATA[7..0]
User I/O
INIT_DONE
Byte 0
Byte 1
Byte 2
Byte 3
Byte n-1
tCD2UM
tCF2ST1
tCF2CD
tCFG
tCH tCL
tDH
tDSU
tCF2CK
tSTATUS
tCLK
tCF2ST0
tST2CK
User Mode
(5)
Tri-stated with internal pull-up resistor
(4)
User Mode
Byte n
User mode
Table 8–13. FPP Timing Parameters for Cyclone IV Devices (Part 1 of 2)
Symbol
Parameter
Minimum
Maximum
Unit
Cyclone IV (1)
Cyclone IV E (2)
Cyclone IV (1)
Cyclone IV E (2)
tCF2CD
nCONFIG
low to
CONF_DONE
low
—
500
ns
tCF2ST0
nCONFIG
low to
nSTATUS
low
—
500
ns
tCFG
nCONFIG
low pulse
width
500
—
ns
tSTATUS
nSTATUS
low pulse
width
45
230 (3)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com