Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 205 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 205 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 201Page - Altera Corporation EP4CE40 Datasheet HTML 202Page - Altera Corporation EP4CE40 Datasheet HTML 203Page - Altera Corporation EP4CE40 Datasheet HTML 204Page - Altera Corporation EP4CE40 Datasheet HTML 205Page - Altera Corporation EP4CE40 Datasheet HTML 206Page - Altera Corporation EP4CE40 Datasheet HTML 207Page - Altera Corporation EP4CE40 Datasheet HTML 208Page - Altera Corporation EP4CE40 Datasheet HTML 209Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–41
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
FPP Configuration Using an External Host
FPP configuration using an external host provides a fast method to configure
Cyclone IV devices. In the FPP configuration scheme, you can use an external host
device to control the transfer of configuration data from a storage device, such as flash
memory, to the target Cyclone IV device. You can store configuration data in an .rbf,
.hex
, or .ttf format. When using the external host, a design that controls the
configuration process, such as fetching the data from flash memory and sending it to
the device, must be stored in the external host device. Figure 8–19 shows the
configuration interface connections between the Cyclone IV devices and an external
device for single-device configuration.
After nSTATUS is released, the device is ready to receive configuration data and the
configuration stage begins. When nSTATUS is pulled high, the external host device
places the configuration data one byte at a time on the DATA[7..0]pins.
Cyclone IV devices receive configuration data on the DATA[7..0] pins and the clock is
received on the DCLK pin. Data is latched into the device on the rising edge of DCLK.
Data is continuously clocked into the target device until CONF_DONE goes high. The
CONF_DONE
pin goes high one byte early in FPP configuration mode. The last byte is
required for serial configuration (AS and PS) modes.
1 Two DCLK falling edges are required after CONF_DONE goes high to begin initialization
of the device.
Supplying a clock on CLKUSR does not affect the configuration process. After the
CONF_DONE
pin goes high, CLKUSR is enabled after the time specified as tCD2CU. After
this time period elapses, Cyclone IV devices require 3,192 clock cycles to initialize
properly and enter user mode. For more information about the supported CLKUSR fMAX
value for Cyclone IV devices, refer to Table 8–13 on page 8–44.
Figure 8–19. Single-Device FPP Configuration Using an External Host
Notes to Figure 8–19:
(1) Connect the pull-up resistor to a supply that provides an acceptable input signal for the device. VCC must be high
enough to meet the VIH specification of the I/O on the device and the external host.
(2) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect the MSEL pins,
refer to Table 8–4 on page 8–8 and Table 8–5 on page 8–9. Connect the MSEL pins directly to VCCA or GND.
(4) All I/O inputs must maintain a maximum AC voltage of 4.1 V. DATA[7..0] and DCLK must fit the maximum overshoot
outlined in Equation 8–1 on page 8–5.
External Host
(MAX II Device or
Microprocessor)
Memory
ADDR
Cyclone IV Device
nSTATUS
CONF_DONE
10 k
nCE
nCEO
DATA[7..0]
GND
VCCIO(1) VCCIO(1)
10 k
MSEL[3..0]
N.C. (2)
DATA[7..0] (4)
nCONFIG
DCLK (4)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com