Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 199 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 199 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 195Page - Altera Corporation EP4CE40 Datasheet HTML 196Page - Altera Corporation EP4CE40 Datasheet HTML 197Page - Altera Corporation EP4CE40 Datasheet HTML 198Page - Altera Corporation EP4CE40 Datasheet HTML 199Page - Altera Corporation EP4CE40 Datasheet HTML 200Page - Altera Corporation EP4CE40 Datasheet HTML 201Page - Altera Corporation EP4CE40 Datasheet HTML 202Page - Altera Corporation EP4CE40 Datasheet HTML 203Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–35
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
After the first device completes configuration in a multi-device configuration chain,
its nCEO pin drives low to activate the nCE pin of the second device, which prompts the
second device to begin configuration. The second device in the chain begins
configuration in one clock cycle. Therefore, the transfer of data destinations is
transparent to the external host device. nCONFIG, nSTATUS, DCLK, DATA[0], and
CONF_DONE
configuration pins are connected to every device in the chain. To ensure
signal integrity and prevent clock skew problems, configuration signals may require
buffering. Ensure that DCLK and DATA lines are buffered. All devices initialize and enter
user mode at the same time because all CONF_DONE pins are tied together.
If any device detects an error, configuration stops for the entire chain and you must
reconfigure the entire chain because all nSTATUS and CONF_DONE pins are tied together.
For example, if the first device flags an error on nSTATUS, it resets the chain by pulling
its nSTATUS pin low. This behavior is similar to a single device detecting an error.
You can have multiple devices that contain the same configuration data in your
system. To support this configuration scheme, all device nCE inputs are tied to GND,
while the nCEO pins are left floating. nCONFIG, nSTATUS, DCLK, DATA[0], and CONF_DONE
configuration pins are connected to every device in the chain. To ensure signal
integrity and prevent clock skew problems, configuration signals may require
buffering. Ensure that the DCLK and DATA lines are buffered. Devices must be of the
same density and package. All devices start and complete configuration at the same
time.
Figure 8–15 shows a multi-device PS configuration when both Cyclone IV devices are
receiving the same configuration data.
Figure 8–15. Multi-Device PS Configuration When Both Devices Receive the Same Data
Notes to Figure 8–15:
(1) You must connect the pull-up resistor to a supply that provides an acceptable input signal for all devices in the chain.
VCC must be high enough to meet the VIH specification of the I/O on the device and the external host.
(2) The nCEO pins of both devices are left unconnected or used as user I/O pins when configuring the same configuration
data into multiple devices.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect the MSEL pins,
refer to Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect the MSEL pins directly
to VCCA or GND.
(4) All I/O inputs must maintain a maximum AC voltage of 4.1 V. DATA[0] and DCLK must fit the maximum overshoot
outlined in Equation 8–1 on page 8–5.
External Host
(MAX II Device or
Microprocessor)
Memory
ADDR
Cyclone IV Master Device
nSTATUS
CONF_DONE
nCE
nCEO
DATA[0]
GND
MSEL[ ]
DATA[0]
(4)
nCONFIG
DCLK
(4)
nSTATUS
CONF_DONE
nCE
nCEO
N.C. (2)
DATA[0]
(4)
nCONFIG
DCLK
(4)
Cyclone IV Slave Device
N.C. (2)
GND
(3)
MSEL[ ]
(3)
Buffers (4)
10 k
VCCIO (1) VCCIO (1)
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com