Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 198 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 198 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 194Page - Altera Corporation EP4CE40 Datasheet HTML 195Page - Altera Corporation EP4CE40 Datasheet HTML 196Page - Altera Corporation EP4CE40 Datasheet HTML 197Page - Altera Corporation EP4CE40 Datasheet HTML 198Page - Altera Corporation EP4CE40 Datasheet HTML 199Page - Altera Corporation EP4CE40 Datasheet HTML 200Page - Altera Corporation EP4CE40 Datasheet HTML 201Page - Altera Corporation EP4CE40 Datasheet HTML 202Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 488 page
background image
8–34
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Configuration
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
To ensure DCLK and DATA[0] are not left floating at the end of configuration, the
MAX II device must drive them either high or low, whichever is convenient on your
board. The DATA[0] pin is available as a user I/O pin after configuration. In the PS
scheme, the DATA[0] pin is tri-stated by default in user mode and must be driven by
the external host device. To change this default option in the Quartus II software,
select the Dual-Purpose Pins tab of the Device and Pin Options dialog box.
The configuration clock (DCLK) speed must be below the specified system frequency to
ensure correct configuration. No maximum DCLK period exists, which means you can
pause configuration by halting DCLK for an indefinite amount of time.
The external host device can also monitor CONF_DONE and INIT_DONE to ensure
successful configuration. The CONF_DONE pin must be monitored by the external device
to detect errors and to determine when programming is complete. If all configuration
data is sent, but CONF_DONE or INIT_DONE has not gone high, the external device must
reconfigure the target device.
Figure 8–14 shows how to configure multiple devices using an external host device.
This circuit is similar to the PS configuration circuit for a single device, except that
Cyclone IV devices are cascaded for multi-device configuration.
Figure 8–14. Multi-Device PS Configuration Using an External Host
Notes to Figure 8–14:
(1) The pull-up resistor must be connected to a supply that provides an acceptable input signal for all devices in the
chain. VCC must be high enough to meet the VIH specification of the I/O on the device and the external host.
(2) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(3) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect the MSEL pins,
refer to Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect the MSEL pins directly
to VCCA or GND.
(5) All I/O inputs must maintain a maximum AC voltage of 4.1 V. DATA[0] and DCLK must fit the maximum overshoot
outlined in Equation 8–1 on page 8–5.
External Host
(MAX II Device or
Microprocessor)
Memory
ADDR
Cyclone IV Device 1
nSTATUS
CONF_DONE
10 k
nCE
nCEO
DATA[0]
GND
VCCIO (1) VCCIO (1)
10 k
MSEL[ ]
DATA[0]
(5)
nCONFIG
DCLK
(5)
nSTATUS
CONF_DONE
nCE
nCEO
N.C. (3)
DATA[0]
(5)
nCONFIG
DCLK
(5)
VCCIO (2)
10 k
Cyclone IV Device 2
(4)
MSEL[ ]
(4)
Buffers (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com