Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 191 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 191 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 187Page - Altera Corporation EP4CE40 Datasheet HTML 188Page - Altera Corporation EP4CE40 Datasheet HTML 189Page - Altera Corporation EP4CE40 Datasheet HTML 190Page - Altera Corporation EP4CE40 Datasheet HTML 191Page - Altera Corporation EP4CE40 Datasheet HTML 192Page - Altera Corporation EP4CE40 Datasheet HTML 193Page - Altera Corporation EP4CE40 Datasheet HTML 194Page - Altera Corporation EP4CE40 Datasheet HTML 195Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–27
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
1 In a multi-device AP configuration, the board trace length between the parallel flash
and the master device must follow the recommendations listed in Table 8–11.
Figure 8–9. Word-Wide Multi-Device AP Configuration
Notes to Figure 8–9:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(3) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. You must set the master device in AP mode and the slave
devices in FPP mode. To connect MSEL[3..0] for the master device in AP mode and the slave devices in FPP mode, refer to Table 8–5 on
page 8–9. Connect the MSEL pins directly to VCCA or GND.
(5) The AP configuration ignores the WAIT signal during configuration mode. However, if you are accessing flash during user mode with user logic,
you can optionally use the normal I/O pin to monitor the WAIT signal from the Micron P30 or P33 flash.
(6) Connect the repeater buffers between the Cyclone IV E master device and slave devices for DATA[15..0] and DCLK. All I/O inputs must maintain
a maximum AC voltage of 4.1 V. The output resistance of the repeater buffers must fit the maximum overshoot equation outlined in “Configuration
and JTAG Pin I/O Requirements” on page 8–5.
CLK
RST#
CE#
OE#
ADV#
WE#
WAIT
DQ[15:0]
A[24:1]
DCLK
nRESET
FLASH_nCE
nOE
nAVD
nWE
I/O (5)
DATA[15..0]
PADD[23..0]
nCE
VCCIO (1)
VCCIO (1)
10 k
10 k
MSEL[3..0]
(4)
nCEO
N.C.
(3)
Cyclone IV E
Master Device
Micron P30/P33 Flash
GND
DATA[7..0]
DCLK
nCE
MSEL[3..0]
(4)
nCEO
Cyclone IV E Slave Device
DATA[7..0]
DCLK
nCE
MSEL[3..0]
(4)
nCEO
Cyclone IV E Slave Device
VCCIO (2)
10 k
VCCIO (2)
10 k
Buffers (6)
DQ[7..0]
N.C.
(3)
DATA[7..0]
DCLK
nCE
MSEL[3..0]
(4)
nCEO
Cyclone IV E Slave Device
DATA[7..0]
DCLK
nCE
MSEL[3..0]
(4)
nCEO
Cyclone IV E Slave Device
DQ[7..0]
VCCIO (1)
DQ[15..8]
DQ[15..8]
VCCIO (1)
10 k
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com