Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 181 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 181 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 177Page - Altera Corporation EP4CE40 Datasheet HTML 178Page - Altera Corporation EP4CE40 Datasheet HTML 179Page - Altera Corporation EP4CE40 Datasheet HTML 180Page - Altera Corporation EP4CE40 Datasheet HTML 181Page - Altera Corporation EP4CE40 Datasheet HTML 182Page - Altera Corporation EP4CE40 Datasheet HTML 183Page - Altera Corporation EP4CE40 Datasheet HTML 184Page - Altera Corporation EP4CE40 Datasheet HTML 185Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–17
Configuration
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Single SRAM Object File
The second method configures both the master device and slave devices with the
same .sof. The serial configuration device stores one copy of the .sof. You must set up
one or more slave devices in the chain. All the slave devices must be set up in the
same way (Figure 8–5).
In this setup, all the Cyclone IV devices in the chain are connected for concurrent
configuration. This reduces the AS configuration time because all the Cyclone IV
devices are configured in one configuration cycle. Connect the nCE input pins of all the
Cyclone IV devices to GND. You can either leave the nCEO output pins on all the
Cyclone IV devices unconnected or use the nCEO output pins as normal user I/O pins.
The DATA and DCLK pins are connected in parallel to all the Cyclone IV devices.
Figure 8–5. Multi-Device AS Configuration in Which Devices Receive the Same Data with a Single .sof
Notes to Figure 8–5:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. You must set the master device of the Cyclone IV device
in AS mode and the slave devices in PS mode. To connect the MSEL pins for the master device in AS mode and slave devices in PS mode, refer to
Table 8–3 on page 8–8, Table 8–4 on page 8–8, and Table 8–5 on page 8–9. Connect the MSEL pins directly to VCCA or GND.
(4) Connect the series resistor at the near end of the serial configuration device.
(5) Connect the repeater buffers between the master and slave devices for DATA[0] and DCLK. All I/O inputs must maintain a maximum AC voltage
of 4.1 V. The output resistance of the repeater buffers must fit the maximum overshoot equation outlined in “Configuration and JTAG Pin I/O
Requirements” on page 8–5.
(6) The 50-
Ω series resistors are optional if the 3.3-V configuration voltage standard is applied. For optimal signal integrity, connect these 50-Ω series
resistors if the 2.5- or 3.0-V configuration voltage standard is applied.
(7) These pins are dual-purpose I/O pins. The nCSO pin functions as FLASH_nCE pin in AP mode. The ASDO pin functions as DATA[1] pin in AP and
FPP modes.
(8) Only Cyclone IV GX devices have an option to select CLKUSR (40 MHz maximum) as the external clock source for DCLK.
(9) For multi-devices AS configuration using Cyclone IV E with 1,0 V core voltage, the maximum board trace-length from the serial configuration
device to the junction-split on both DCLK and Data0 line is 3.5 inches.
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
N.C. (2)
(3)
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
N.C. (2)
(3)
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCSO (7)
ASDO (7)
nCEO
MSEL[ ]
(3)
MSEL[ ]
MSEL[ ]
DATA
DCLK
nCS
ASDI
Serial Configuration
Device
GND
GND
GND
N.C. (2)
VCCIO (1)
VCCIO (1)
VCCIO (1)
Buffers (5)
10 k
Ω
10 k
Ω
10 k
Ω
(4)
25
Ω
(7)
50
Ω
(4),(6)
50
Ω
Cyclone IV Slave Device 2
Cyclone IV Slave Device 1
Cyclone IV Master Device
CLKUSR
(9)
(9)
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com