| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 170 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 170 Page - Altera Corporation |
|
170 / 488 page ![]() 8–6 Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices Configuration Cyclone IV Device Handbook, May 2013 Altera Corporation Volume 1 Configuration Process This section describes Cyclone IV device configuration requirements and includes the following topics: ■ “Power Up” on page 8–6 ■ “Reset” on page 8–6 ■ “Configuration” on page 8–6 ■ “Configuration Error” on page 8–7 ■ “Initialization” on page 8–7 ■ “User Mode” on page 8–7 f For more information about the Altera® FPGA configuration cycle state machine, refer to the Configuring Altera FPGAs chapter in volume 1 of the Configuration Handbook. Power Up If the device is powered up from the power-down state, VCCINT, VCCA, and VCCIO (for the I/O banks in which the configuration and JTAG pins reside) must be powered up to the appropriate level for the device to exit from POR. Reset After power up, Cyclone IV devices go through POR. POR delay depends on the MSEL pin settings, which correspond to your configuration scheme. During POR, the device resets, holds nSTATUS and CONF_DONE low, and tri-states all user I/O pins (for PS and FPP configuration schemes only). 1 To tri-state the configuration bus for AS and AP configuration schemes, you must tie nCE high and nCONFIG low. The user I/O pins and dual-purpose I/O pins have weak pull-up resistors, which are always enabled (after POR) before and during configuration. When the device exits POR, all user I/O pins continue to tri-state. While nCONFIG is low, the device is in reset. When nCONFIG goes high, the device exits reset and releases the open-drain nSTATUS pin, which is then pulled high by an external 10-k Ω pull-up resistor. After nSTATUS is released, the device is ready to receive configuration data and the configuration stage starts. f For more information about the value of the weak pull-up resistors on the I/O pins that are on before and during configuration, refer to the Cyclone IV Device Datasheet chapter. Configuration Configuration data is latched into the Cyclone IV device at each DCLK cycle. However, the width of the data bus and the configuration time taken for each scheme are different. After the device receives all the configuration data, the device releases the open-drain CONF_DONE pin, which is pulled high by an external 10-k Ω pull-up resistor. A low-to-high transition on the CONF_DONE pin indicates that the configuration is complete and initialization of the device can begin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |