| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 167 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 167 Page - Altera Corporation |
|
167 / 488 page ![]() Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices 8–3 Configuration May 2013 Altera Corporation Cyclone IV Device Handbook, Volume 1 3. Click the Configuration tab. 4. Turn on Generate compressed bitstreams. 5. Click OK. 6. In the Settings dialog box, click OK. You can enable compression when creating programming files from the Convert Programming Files dialog box. To enable compression, perform the following steps: 1. On the File menu, click Convert Programming Files. 2. Under Output programming file, select your desired file type from the Programming file type list. 3. If you select Programmer Object File (.pof), you must specify the configuration device in the Configuration device list. 4. Under Input files to convert, select SOF Data. 5. Click Add File to browse to the Cyclone IV device SRAM object files (.sof). 6. In the Convert Programming Files dialog box, select the .pof you added to SOF Data and click Properties. 7. In the SOF File Properties dialog box, turn on the Compression option. When multiple Cyclone IV devices are cascaded, you can selectively enable the compression feature for each device in the chain. Figure 8–1 shows a chain of two Cyclone IV devices. The first device has compression enabled and receives compressed bitstream from the configuration device. The second device has the compression feature disabled and receives uncompressed data. You can generate programming files for this setup in the Convert Programming Files dialog box. Configuration Requirement This section describes Cyclone IV device configuration requirement and includes the following topics: ■ “Power-On Reset (POR) Circuit” on page 8–4 ■ “Configuration File Size” on page 8–4 ■ “Power Up” on page 8–6 Figure 8–1. Compressed and Uncompressed Configuration Data in the Same Configuration File nCE GND nCEO Decompression Controller Cyclone IV Device nCE nCEO Not Connected (N.C.) Cyclone IV Device Serial Configuration Device Serial Data Compressed Uncompressed VCC 10 k Ω |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |