Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 265 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 265 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 261Page - Altera Corporation EP4CE40 Datasheet HTML 262Page - Altera Corporation EP4CE40 Datasheet HTML 263Page - Altera Corporation EP4CE40 Datasheet HTML 264Page - Altera Corporation EP4CE40 Datasheet HTML 265Page - Altera Corporation EP4CE40 Datasheet HTML 266Page - Altera Corporation EP4CE40 Datasheet HTML 267Page - Altera Corporation EP4CE40 Datasheet HTML 268Page - Altera Corporation EP4CE40 Datasheet HTML 269Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 488 page
background image
CYIV-51011-1.3
© 2013 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone IV Device Handbook,
Volume 1
May 2013
Feedback Subscribe
ISO
9001:2008
Registered
11. Power Requirements for Cyclone IV
Devices
This chapter describes information about external power supply requirements,
hot-socketing specifications, power-on reset (POR) requirements, and their
implementation in Cyclone IV devices.
This chapter includes the following sections:
■
“External Power Supply Requirements” on page 11–1
■
“Hot-Socketing Specifications” on page 11–2
■
“Hot-socketing Feature Implementation” on page 11–3
■
“Power-On Reset Circuitry” on page 11–3
External Power Supply Requirements
This section describes the different external power supplies required to power
Cyclone IV devices. Table 11–1 and Table 11–2 list the descriptions of external power
supply pins for Cyclone IV GX and Cyclone IV E devices, respectively.
f For each Altera recommended power supply’s operating conditions, refer to the
Cyclone IV Device Datasheet chapter.
f For power supply pin connection guidelines and power regulator sharing, refer to the
Cyclone IV Device Family Pin Connection Guidelines.
Table 11–1. Power Supply Descriptions for the Cyclone IV GX Devices (Part 1 of 2)
Power Supply Pin
Nominal Voltage Level (V)
Description
VCCINT
1.2
Core voltage, PCI Express (PCIe) hard IP block, and
transceiver physical coding sublayer (PCS) power
supply
VCCA (1)
2.5
PLL analog power supply
VCCD_PLL
1.2
PLL digital power supply
VCCIO (2)
1.2, 1.5, 1.8, 2.5, 3.0, 3.3
I/O banks power supply
VCC_CLKIN (3), (4)
1.2, 1.5, 1.8, 2.5, 3.0, 3.3
Differential clock input pins power supply
VCCH_GXB
2.5
Transceiver output (TX) buffer power supply
VCCA_GXB
2.5
Transceiver physical medium attachment (PMA) and
auxiliary power supply
May 2013
CYIV-51011-1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com