Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 341Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 342Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 343Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 344Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 345Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 346Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 347Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 348Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 321 of 1200
REJ09B0344-0200
9.3.8
DMA Operation Register (DMAOR)
The DMA operation register (DMAOR) is a 16-bit readable/writable register that specifies the
priority level of channels at the DMA transfer. This register also shows the DMA transfer status.
DMAOR is initialized to H'0000 by a reset and retains the value in software standby mode and
module standby mode.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R/W
R/W
R
R
R/W
R/W
R
R
R
R
R
R/(W)* R/(W)* R/W
Note:
Only 0 can be written to clear the flag after 1 is read.
*
Bit:
Initial value:
R/W:
-
-
CMS[1:0]
-
-
PR[1:0]
-
-
-
-
-
AE
NMIF
DME
Bit
Bit Name
Initial
Value
R/W
Description
15, 14
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13, 12
CMS[1:0]
00
R/W
Cycle Steal Mode Select
These bits select either normal mode or intermittent
mode in cycle steal mode.
It is necessary that the bus modes of all channels be
set to cycle steal mode to make intermittent mode
valid.
00: Normal mode
01: Setting prohibited
10: Intermittent mode 16
Executes one DMA transfer for every 16 cycles of
B
φ clock.
11: Intermittent mode 64
Executes one DMA transfer for every 64 cycles of
B
φ clock.
11, 10
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com