Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 388Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 389Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 390Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 391Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 392Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 393Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 394Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 395Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 368 of 1200
REJ09B0344-0200
Table 10.11 Setting of Operation Mode by Bits MD0 to MD3
Bit 3
MD3
Bit 2
MD2
Bit 1
MD1
Bit 0
MD0
Description
0
0
0
0
Normal operation
1
Setting prohibited
1
0
PWM mode 1
1
PWM mode 2*
1
1
0
0
Phase counting mode 1*
2
1
Phase counting mode 2*
2
1
0
Phase counting mode 3*
2
1
Phase counting mode 4*
2
1
0
0
0
Reset synchronous PWM mode*
3
1
Setting prohibited
1
X
Setting prohibited
1
0
0
Setting prohibited
1
Complementary PWM mode 1 (transmit at crest)*
3
1
0
Complementary PWM mode 2 (transmit at trough)*
3
1
Complementary PWM mode 2 (transmit at crest and
trough)*
3
[Legend]
X:
Don't care
Notes: 1. PWM mode 2 cannot be set for channels 3 and 4.
2. Phase counting mode cannot be set for channels 0, 3, and 4.
3. Reset synchronous PWM mode, complementary PWM mode can only be set for
channel 3. When channel 3 is set to reset synchronous PWM mode or complementary
PWM mode, the channel 4 settings become ineffective and automatically conform to the
channel 3 settings. However, do not set channel 4 to reset synchronous PWM mode or
complementary PWM mode. Reset synchronous PWM mode and complementary PWM
mode cannot be set for channels 0, 1, and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com