Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 389Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 390Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 391Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 392Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 393Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 394Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 395Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 396Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 369 of 1200
REJ09B0344-0200
10.3.3
Timer I/O Control Register (TIOR)
The TIOR registers are 8-bit readable/writable registers that control the TGR registers. The MTU2
has a total of eleven TIOR registers, two each for channels 0, 3, and 4, one each for channels 1 and
2, and three (TIORU_5, TIORV_5, and TIORW_5) for channel 5.
TIOR should be set while TMDR is set in normal operation, PWM mode, or phase counting mode.
The initial output specified by TIOR is valid when the counter is stopped (the CST bit in TSTR is
cleared to 0). Note also that, in PWM mode 2, the output at the point at which the counter is
cleared to 0 is specified.
When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register
operates as a buffer register.
• TIORH_0, TIOR_1, TIOR_2, TIORH_3, TIORH_4
Bit:
Initial value:
R/W:
7654321
0
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
IOB[3:0]
IOA[3:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
IOB[3:0]
0000
R/W
I/O Control B0 to B3
Specify the function of TGRB.
See the following tables.
TIORH_0: Table 10.12
TIOR_1:
Table 10.14
TIOR_2:
Table 10.15
TIORH_3: Table 10.16
TIORH_4: Table 10.18
3 to 0
IOA[3:0]
0000
R/W
I/O Control A0 to A3
Specify the function of TGRA.
See the following tables.
TIORH_0: Table 10.20
TIOR_1:
Table 10.22
TIOR_2:
Table 10.23
TIORH_3: Table 10.24
TIORH_4: Table 10.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com