Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 444Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 445Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 446Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 447Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 448Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 449Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 450Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 451Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 424 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
value
R/W
Description
0
OLS1P
0
R/W
Output Level Select 1P*
This bit selects the output level on TIOC3B in reset-
synchronized PWM mode/complementary PWM mode.
See table 10.38.
Note:
*
Setting the TOCS bit in TOCR1 to 1 makes this bit setting valid.
Table 10.32 Setting of Bits BF1 and BF0
Bit 7
Bit 6
Description
BF1
BF0
Complementary PWM Mode
Reset-Synchronized PWM Mode
0
0
Does not transfer data from the
buffer register (TOLBR) to TOCR2.
Does not transfer data from the
buffer register (TOLBR) to TOCR2.
0
1
Transfers data from the buffer
register (TOLBR) to TOCR2 at the
crest of the TCNT_4 count.
Transfers data from the buffer
register (TOLBR) to TOCR2 when
TCNT_3/TCNT_4 is cleared
1
0
Transfers data from the buffer
register (TOLBR) to TOCR2 at the
trough of the TCNT_4 count.
Setting prohibited
1
1
Transfers data from the buffer
register (TOLBR) to TOCR2 at the
crest and trough of the TCNT_4
count.
Setting prohibited
Table 10.33 TIOC4D Output Level Select Function
Bit 5
Function
Compare Match Output
OLS3N
Initial Output
Active Level
Up Count
Down Count
0
High level
Low level
High level
Low level
1
Low level
High level
Low level
High level
Note:
The reverse phase waveform initial output value changes to the active level after elapse of
the dead time after count start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com