Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 448Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 449Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 450Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 451Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 452Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 453Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 454Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 455Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 428 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
value
R/W
Description
5
N
0
R/W
Reverse Phase Output (N) Control
This bit selects whether the level output or the reset-
synchronized PWM/complementary PWM output while
the reverse pins (TIOC3D, TIOC4C, and TIOC4D) are
output.
0: Level output
1: Reset synchronized PWM/complementary PWM
output
4
P
0
R/W
Positive Phase Output (P) Control
This bit selects whether the level output or the reset-
synchronized PWM/complementary PWM output while
the positive pin (TIOC3B, TIOC4A, and TIOC4B) are
output.
0: Level output
1: Reset synchronized PWM/complementary PWM
output
3
FB*
0
R/W
External Feedback Signal Enable
This bit selects whether the switching of the output of
the positive/reverse phase is carried out automatically
with the MTU2/channel 0 TGRA, TGRB, TGRC input
capture signals or by writing 0 or 1 to bits 2 to 0 in
TGCR.
0: Output switching is external input (Input sources are
channel 0 TGRA, TGRB, TGRC input capture signal)
1: Output switching is carried out by software (setting
values of UF, VF, and WF in TGCR).
2
WF
0
R/W
1
VF
0
R/W
0
UF
0
R/W
Output Phase Switch 2 to 0
These bits set the positive phase/negative phase output
phase on or off state. The setting of these bits is valid
only when the FB bit in this register is set to 1. In this
case, the setting of bits 2 to 0 is a substitute for external
input. See table 10.39.
Note:
*
If the BDC bit in the MTU2S is set to 1, the FB bit should not be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com