Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 452Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 453Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 454Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 455Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 456Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 457Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 458Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 459Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 432 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
value
R/W
Description
2 to 0
4VCOR[2:0] 000
R/W
These bits specify the TCIV_4 interrupt skipping count
within the range from 0 to 7.*
For details, see table 10.41.
Note:
*
When 0 is specified for the interrupt skipping count, no interrupt skipping will be
performed. Before changing the interrupt skipping count, be sure to clear the T3AEN
and T4VEN bits to 0 to clear the skipping counter (TICNT).
Table 10.40 Setting of Interrupt Skipping Count by Bits 3ACOR2 to 3ACOR0
Bit 6
Bit 5
Bit 4
3ACOR2
3ACOR1
3ACOR0
Description
0
0
0
Does not skip TGIA_3 interrupts.
0
0
1
Sets the TGIA_3 interrupt skipping count to 1.
0
1
0
Sets the TGIA_3 interrupt skipping count to 2.
0
1
1
Sets the TGIA_3 interrupt skipping count to 3.
1
0
0
Sets the TGIA_3 interrupt skipping count to 4.
1
0
1
Sets the TGIA_3 interrupt skipping count to 5.
1
1
0
Sets the TGIA_3 interrupt skipping count to 6.
1
1
1
Sets the TGIA_3 interrupt skipping count to 7.
Table 10.41 Setting of Interrupt Skipping Count by Bits 4VCOR2 to 4VCOR0
Bit 2
Bit 1
Bit 0
4VCOR2
4VCOR1
4VCOR0
Description
0
0
0
Does not skip TCIV_4 interrupts.
0
0
1
Sets the TCIV_4 interrupt skipping count to 1.
0
1
0
Sets the TCIV_4 interrupt skipping count to 2.
0
1
1
Sets the TCIV_4 interrupt skipping count to 3.
1
0
0
Sets the TCIV_4 interrupt skipping count to 4.
1
0
1
Sets the TCIV_4 interrupt skipping count to 5.
1
1
0
Sets the TCIV_4 interrupt skipping count to 6.
1
1
1
Sets the TCIV_4 interrupt skipping count to 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com